Electronic Components Datasheet Search
  English  ▼

X  

TDA7437N Datasheet(PDF) 29 Page - STMicroelectronics

Part # TDA7437N
Description  Digitally controlled audio processor
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7437N Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TDA7437N Datasheet HTML 25Page - STMicroelectronics TDA7437N Datasheet HTML 26Page - STMicroelectronics TDA7437N Datasheet HTML 27Page - STMicroelectronics TDA7437N Datasheet HTML 28Page - STMicroelectronics TDA7437N Datasheet HTML 29Page - STMicroelectronics TDA7437N Datasheet HTML 30Page - STMicroelectronics TDA7437N Datasheet HTML 31Page - STMicroelectronics TDA7437N Datasheet HTML 32Page - STMicroelectronics TDA7437N Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 34 page
background image
TDA7437N
Curves of electrical characteristics
29/34
Figure 12.
Soft mute OFF
(a)
(b)
Figure 13.
Zero crossing mute ON
Figure 14.
Zero crossing mute OFF
Figure 15.
Pause detector
Figure 16.
Pause detector
Pin Csm
Main Menu
V
SOFT MUTE=OFF SLOPE=FAST Vout=500mVrms
D95AU387
V
SOFT MUTE
CH1 9V DC
Chan 2
1ms 0.2V
Chan 1
1ms 2V
Vout
TIME
D95AU389
RIGHT
CH2 528mV DC
x Chan 1
0.5ms 0.2V
x Chan 2
0.5ms 0.2V
ZERO CROSSING MUTE = ON
Return
Panel
STATUS
Memory
Save
PANEL
Recall
Auxiliary
Setups
Memory
Card
X-Y mode
Persistance
mode
V
LEFT
TIME
D95AU390
2ms
CH1 2.7V DC
x Chan 2
0.2ms 1V
x Chan 1
0.2ms 0.5V
ZERO CROSSING MUTE = OFF
Main Menu
Multi Zoom
off
LEFT
RIGHT
V
TIME
Chan 1
20ms 0.2V
Chan 2
20ms 2V
PAUSE DETECTOR ZCW=140mV Cpause=100nF
Main Menu
D02AU1385
CH2 4.12V DC
Vout
V
TIME
Chan 2
20ms 2V
Chan 3
20ms 0.2V
US
C O
C
0
Cpause
00
Main Menu
D02AU1386
CH2 4.08V DC
CH1 20mV
x ~
CH2 0.2V
x =
CH3 20mV x ~
CH4 5mV x ~ T/div 20ms
10
10
10
10
Vout
BWL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com