Electronic Components Datasheet Search
  English  ▼

X  

STCN75 Datasheet(PDF) 18 Page - STMicroelectronics

Part # STCN75
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button STCN75 Datasheet HTML 14Page - STMicroelectronics STCN75 Datasheet HTML 15Page - STMicroelectronics STCN75 Datasheet HTML 16Page - STMicroelectronics STCN75 Datasheet HTML 17Page - STMicroelectronics STCN75 Datasheet HTML 18Page - STMicroelectronics STCN75 Datasheet HTML 19Page - STMicroelectronics STCN75 Datasheet HTML 20Page - STMicroelectronics STCN75 Datasheet HTML 21Page - STMicroelectronics STCN75 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
Functional description
STCN75
18/35
3.1.5
Hysteresis temperature register (THYS)
THYS register is a two-byte (16-bit) READ/WRITE register that stores the user-
programmable lower trip-point temperature for the thermal alarm in two’s complement
format (see Table 8). This register defaults to 75°C at power-up (i.e., 0100 1011 0000 0000).
The format of this register is the same as that of the temperature register. The MSB position
contains the sign bit for the digital temperature and bit14 contains the temperature MSB.
3.2
Power-up default conditions
The STCN75 always powers up in the following default states:
●
Thermostat mode = comparator mode
●
Polarity = active-low
●
Fault tolerance = 1 fault (i.e., relevant bits set to '0' in the configuration register)
●
TOS = 80°C
●
THYS = 75°C
●
Register pointer = 00 (temperature register)
Note:
After power-up these conditions can be reprogrammed via the serial interface.
Table 8.
TOS and THYS register format
(1)
1.
These are comparable formats to the DS75 and LM75.
Bytes
HS byte
LS byte
Bits
MSB
TMSB
TLSB
LSB
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
STCN75
S
TMSB
TD TD TD TD TD TD
9-bit
TLSB
00
00
00
0
Keys: S = two’s complement sign bit
TMSB = temperature MSB
TLSB = temperature LSB
TD = temperature Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com