Electronic Components Datasheet Search
  English  ▼

X  

STCN75M2F Datasheet(PDF) 23 Page - STMicroelectronics

Part # STCN75M2F
Description  Digital temperature sensor and thermal watchdog
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STCN75M2F Datasheet(HTML) 23 Page - STMicroelectronics

Back Button STCN75M2F Datasheet HTML 19Page - STMicroelectronics STCN75M2F Datasheet HTML 20Page - STMicroelectronics STCN75M2F Datasheet HTML 21Page - STMicroelectronics STCN75M2F Datasheet HTML 22Page - STMicroelectronics STCN75M2F Datasheet HTML 23Page - STMicroelectronics STCN75M2F Datasheet HTML 24Page - STMicroelectronics STCN75M2F Datasheet HTML 25Page - STMicroelectronics STCN75M2F Datasheet HTML 26Page - STMicroelectronics STCN75M2F Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 35 page
background image
STCN75
Functional description
23/35
3.6
WRITE mode
In this mode the master transmitter transmits to the STCN75 slave receiver. Bus protocol is
shown in Figure 11. Following the START condition and slave address, a logic '0' (R/W = 0)
is placed on the bus and indicates to the addressed device that word address will follow and
is to be written to the on-chip address pointer.
These modes are shown in the WRITE mode typical timing diagrams (see Figure 11, and
Figure 12, and Figure 13 on page 24).
Figure 11.
Typical pointer set followed by an immediate READ from the
configuration register
Figure 12.
Configuration register WRITE
AI12230
19
1
9
Repeat
Start
by
Master
ACK
by
STCN75
No ACK
by
STCN75
Stop
Cond.
by
Master
1
0
0
1
A2 A1 A0
D7 D6 D5 D4 D3 D2 D1 D0
R/W
Address Byte
Data Byte
11
99
1
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STCN75
ACK
by
STCN75
0
0
1
A2 A1 A0 R/W
0
0
0
0
0
0
D1 D0
AI12231
11
99
1
9
1
Start
by
Master
Address Byte
Pointer Byte
ACK
by
STCN75
ACK
by
STCN75
ACK
by
STCN75
Stop
Cond.
by
Master
00
1
A2
A1
A0
R/W
00
0
0
0
0
0
0
0
D4
D3
D2
D1 D0
D1
D0
Configuration Byte



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com