Electronic Components Datasheet Search
  English  ▼

X  

TDA7463A Datasheet(PDF) 4 Page - STMicroelectronics

Part # TDA7463A
Description  LOW VOLTAGE TONE CONTROL DIGITALLY CONTROLLED AUDIO PROCESSOR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7463A Datasheet(HTML) 4 Page - STMicroelectronics

  TDA7463A Datasheet HTML 1Page - STMicroelectronics TDA7463A Datasheet HTML 2Page - STMicroelectronics TDA7463A Datasheet HTML 3Page - STMicroelectronics TDA7463A Datasheet HTML 4Page - STMicroelectronics TDA7463A Datasheet HTML 5Page - STMicroelectronics TDA7463A Datasheet HTML 6Page - STMicroelectronics TDA7463A Datasheet HTML 7Page - STMicroelectronics TDA7463A Datasheet HTML 8Page - STMicroelectronics TDA7463A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
TDA7463A
4/12
3
DATA BYTES
Address = (HEX) 10001000
Table 6. FUNCTION SELECTION:
The first byte (subaddress)58
B = 1 incremental bus; active
B = 0 no incremental bus;
X = indifferent 0,1
Table 7. STAND_BY & TREBLE & OTHERS
MSB
LSB
SUBADDRESS
D7
D6
D5
D4
D3
D2
D1
D0
X
X
B
0
0
0
0
STAND-BY & TREBLE & OTHERS
XX
B
0
0
0
1
BASS
XX
B
0
0
1
0
VOLUME
MSB
LSB
D7
D6
D5
D4
D3
D2
D1
D0
STAND-BY
1
ALL CIRCUITS STOP
TREBLE
1
STAND-BY (Treble block stops)
1
0
BOOST OFF
0
0
BOOST ON
1
0
0
High Boost (+8dB)
0
0
0
Low Boost (+4dB)
MUTE
1
Input Mute ON
0
Input Mute OFF
1
Output Mute ON
0
Output Mute OFF
BASS
1
Release Current Circuit ON
0
Release Current Circuit OFF
INPUT Select
1
INPUT 1
0
INPUT 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com