Electronic Components Datasheet Search
  English  ▼

X  

TDA7490L Datasheet(PDF) 8 Page - STMicroelectronics

Part # TDA7490L
Description  20W 20W STEREO CLASS-D AMPLIFIER 40W MONO IN BTL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7490L Datasheet(HTML) 8 Page - STMicroelectronics

Back Button TDA7490L_05 Datasheet HTML 3Page - STMicroelectronics TDA7490L_05 Datasheet HTML 4Page - STMicroelectronics TDA7490L_05 Datasheet HTML 5Page - STMicroelectronics TDA7490L_05 Datasheet HTML 6Page - STMicroelectronics TDA7490L_05 Datasheet HTML 7Page - STMicroelectronics TDA7490L_05 Datasheet HTML 8Page - STMicroelectronics TDA7490L_05 Datasheet HTML 9Page - STMicroelectronics TDA7490L_05 Datasheet HTML 10Page - STMicroelectronics TDA7490L_05 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
TDA7490L
8/11
Figure 13. Distortion vs. Output Power in BTL
Figure 14. Pout vs Supply Voltage
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
50
500m
1
2
5
10
20
Pout (W)
THD (%)
BTL
Vcc=+/-20V
Rl=16ohm
f = 1KHz
Filter AES
0.01
10
0.02
0.05
0.1
0.2
0.5
1
2
5
200m
50
500m
1
2
5
10
20
Pout (W)
THD (%)
BTL
Vcc=+/-20V
Rl=16ohm
f = 1KHz
Filter AES
0
5
10
15
20
25
10
12
14
16
18
20
Pout (W)
Stereo
Rl = 8ohm
f = 1KHZ
THD=1%
THD=10%
Vs ( +/-V)
0
5
10
15
20
25
10
12
14
16
18
20
0
5
10
15
20
25
10
12
14
16
18
20
Pout (W)
Stereo
Rl = 8ohm
f = 1KHZ
THD=1%
THD=10%
Vs ( +/-V)
Stereo
Rl = 8ohm
f = 1KHZ
THD=1%
THD=10%
Vs ( +/-V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com