Electronic Components Datasheet Search
  English  ▼

X  

TDA7496 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TDA7496
Description  5W5W AMPLIFIER WITH DC VOLUME CONTROL
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7496 Datasheet(HTML) 2 Page - STMicroelectronics

  TDA7496_03 Datasheet HTML 1Page - STMicroelectronics TDA7496_03 Datasheet HTML 2Page - STMicroelectronics TDA7496_03 Datasheet HTML 3Page - STMicroelectronics TDA7496_03 Datasheet HTML 4Page - STMicroelectronics TDA7496_03 Datasheet HTML 5Page - STMicroelectronics TDA7496_03 Datasheet HTML 6Page - STMicroelectronics TDA7496_03 Datasheet HTML 7Page - STMicroelectronics TDA7496_03 Datasheet HTML 8Page - STMicroelectronics TDA7496_03 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
TDA7496
2/11
ABSOLUTE MAXIMUM RATINGS
PIN CONNECTION (top view)
THERMAL DATA
Symbol
Parameter
Value
Unit
VS
DC Supply Voltage
35
V
VIN
Maximum Input Voltage
8
Vpp
Ptot
Total Power Dissipation (Tamb = 80°C)
15
W
Tamb
Ambient Operating Temperature (1)
0 to 70
°C
Tstg,TJ
Storage and Junction Temperature
-40 to 150
°C
V3
Volume Control DC Voltage
7
V
Symbol
Parameter
Value
Unit
Rth j-case
Thermal Resistance junction-case
Typ. = 4; Max. = 4.6
°C/W
Rth j-amb
Thermal Resistance junction-ambient Max.
35
°C/W
ELECTRICAL CHARACTERISTCS
(Refer to the test circuit Vs = 22V; RL = 8Ω, Rg = 50Ω, Tamb = 25°C)
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Unit
Vs
Supply Voltage Range
10
32
V
Iq
Total Quiescent Current
25
50
mA
DCVos
Output DC Offset Referred to SVR
Potential
No Input Signal
200
mV
VO
Quiescent Output Voltage
11
V
PO
Output Power
THD = 10%; RL = 8Ω;
THD = 1%; RL = 8Ω;
55.5
4
W
THD = 10%; RL = 4Ω; VS = 12V
THD = 1%; RL = 4Ω; VS = 12V
2.1
1.0
W
THD
Total Harmonic Distortion
Gv = 30dB; PO = 1W; f = 1KHz
0.4
%
1
2
3
4
5
6
7
9
10
11
8
PW_GND
MUTE
STBY
S_GND
SVR
N.C.
INL
VAROUT_L
VOLUME
VAROUT_R
INR
13
14
15
12
PW_GND
OUTR
VS
OUTL
D96AU441B



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com