Electronic Components Datasheet Search
  English  ▼

X  

M54HC138D Datasheet(PDF) 1 Page - STMicroelectronics

Part # M54HC138D
Description  RAD HARD 3 TO 8 LINE DECODER (INVERTING)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC138D Datasheet(HTML) 1 Page - STMicroelectronics

  M54HC138D Datasheet HTML 1Page - STMicroelectronics M54HC138D Datasheet HTML 2Page - STMicroelectronics M54HC138D Datasheet HTML 3Page - STMicroelectronics M54HC138D Datasheet HTML 4Page - STMicroelectronics M54HC138D Datasheet HTML 5Page - STMicroelectronics M54HC138D Datasheet HTML 6Page - STMicroelectronics M54HC138D Datasheet HTML 7Page - STMicroelectronics M54HC138D Datasheet HTML 8Page - STMicroelectronics M54HC138D Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
June 2004
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC = 4.5V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
COMPATIBLE WITH TTL OUTPUTS:
VIH = 2V (MIN.) VIL = 0.8V (MAX)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
PIN AND FUNCTION COMPATIBLE WITH
54 SERIES 138
s
DEVICE FULLY COMPLIANT WITH
SCC-9205-022
DESCRIPTION
The M54HCT138 is an high speed CMOS 3 TO 8
LINE DECODER fabricated with silicon gate
C2MOS technology.
If the device is enabled, 3 binary select inputs (A,
B, and C) determine which one of the outputs will
go low. If enable input G1 is held low or either G2A
or G2B is held high, the decoding function is
inhibited and all the 8 outputs go high. Three
enable inputs are provided to ease cascade
connection and application of address decoders
for memory systems.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M54HCT138
RAD HARD 3 TO 8 LINE DECODER (INVERTING)
PIN CONNECTION
ORDER CODES
PACKAGE
FM
EM
DILC
M54HC138D
M54HC138D1
FPC
M54HC138K
M54HC138K1
Rev. 1
DILC-16
FPC-16


Similar Part No. - M54HC138D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC138D STMICROELECTRONICS-M54HC138D Datasheet
173Kb / 9P
RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
Mar-2004
M54HC138D STMICROELECTRONICS-M54HC138D Datasheet
306Kb / 29P
Rad-hard high speed 2 to 6 V CMOS logic series
10-Aug-2011
M54HC138D1 STMICROELECTRONICS-M54HC138D1 Datasheet
173Kb / 9P
RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
Mar-2004
More results

Similar Description - M54HC138D

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC138 STMICROELECTRONICS-74AC138 Datasheet
275Kb / 10P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74ACT138 STMICROELECTRONICS-74ACT138 Datasheet
79Kb / 8P
3 TO 8 LINE DECODER INVERTING
Apr-2001
74VHC138 STMICROELECTRONICS-74VHC138 Datasheet
65Kb / 8P
3 TO 8 LINE DECODER INVERTING
Jun-1999
M54HCT138 STMICROELECTRONICS-M54HCT138 Datasheet
242Kb / 10P
3 TO 8 LINE DECODER INVERTING
Feb-1993
M74HCT138 STMICROELECTRONICS-M74HCT138 Datasheet
286Kb / 9P
3 TO 8 LINE DECODER (INVERTING)
Aug-2001
74AC138M STMICROELECTRONICS-74AC138M Datasheet
286Kb / 10P
3 TO 8 LINE DECODER (INVERTING)
Apr-2001
74LVQ138 STMICROELECTRONICS-74LVQ138_04 Datasheet
321Kb / 12P
3 TO 8 LINE DECODER (INVERTING)
29-Jul-2004
M54HC237 STMICROELECTRONICS-M54HC237_04 Datasheet
196Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER LATCH
Apr-2004
M54HC137 STMICROELECTRONICS-M54HC137_04 Datasheet
224Kb / 10P
RAD-HARD 3 TO 8 LINE DECODER/LATCH (INVERTING)
Mar-2004
M54HC138 STMICROELECTRONICS-M54HC138_04 Datasheet
173Kb / 9P
RAD-HARD 3 TO 8 LINE DECODER (INVERTING)
Mar-2004
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com