Electronic Components Datasheet Search
  English  ▼

X  

M74HC109 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC109
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC109 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC109 Datasheet HTML 1Page - STMicroelectronics M74HC109 Datasheet HTML 2Page - STMicroelectronics M74HC109 Datasheet HTML 3Page - STMicroelectronics M74HC109 Datasheet HTML 4Page - STMicroelectronics M74HC109 Datasheet HTML 5Page - STMicroelectronics M74HC109 Datasheet HTML 6Page - STMicroelectronics M74HC109 Datasheet HTML 7Page - STMicroelectronics M74HC109 Datasheet HTML 8Page - STMicroelectronics M74HC109 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1/12
July 2001
s
HIGH SPEED :
fMAX = 67MHz (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =2µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 109
DESCRIPTION
The M74HC109 is an high speed CMOS DUAL
J-K FLIP FLOP WITH PRESET AND CLEAR
fabricated with silicon gate C2MOS technology. In
accordance with the logic level on the J and K
input this device changes state on positive going
transition of the clock pulse. CLEAR and PRESET
are
independent
of
the
clock
and
are
accomplished by a logic low on the corresponding
input.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC109
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC109B1R
SOP
M74HC109M1R
M74HC109RM13TR
TSSOP
M74HC109TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC109 STMICROELECTRONICS-M74HC109 Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M74HC109B1R STMICROELECTRONICS-M74HC109B1R Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M74HC109C1R STMICROELECTRONICS-M74HC109C1R Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M74HC109M1R STMICROELECTRONICS-M74HC109M1R Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
More results

Similar Description - M74HC109

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC109 STMICROELECTRONICS-M54HC109 Datasheet
249Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Dec-1992
M54HC112 STMICROELECTRONICS-M54HC112 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M54HC76 STMICROELECTRONICS-M54HC76 Datasheet
251Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC73 STMICROELECTRONICS-M74HC73 Datasheet
247Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Oct-1992
M74HC76-1 STMICROELECTRONICS-M74HC76-1 Datasheet
508Kb / 11P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
Aug-2001
logo
Hitachi Semiconductor
HD74LS76A HITACHI-HD74LS76A Datasheet
72Kb / 6P
Dual J-K Flip-Flop(with Preset and Clear)
logo
Toshiba Semiconductor
TC74HC112AFN TOSHIBA-TC74HC112AFN Datasheet
275Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74AC112P TOSHIBA-TC74AC112P Datasheet
277Kb / 7P
DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
TC74HC112AP TOSHIBA-TC74HC112AP_07 Datasheet
311Kb / 10P
Dual J-K Flip Flop with Preset and Clear
TC74AC112F TOSHIBA-TC74AC112F_12 Datasheet
267Kb / 8P
Dual J-K Flip Flop with Preset and Clear
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com