Electronic Components Datasheet Search
  English  ▼

X  

M74HC109B1R Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC109B1R
Description  DUAL J-K FLIP FLOP WITH PRESET AND CLEAR
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC109B1R Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC109B1R Datasheet HTML 1Page - STMicroelectronics M74HC109B1R Datasheet HTML 2Page - STMicroelectronics M74HC109B1R Datasheet HTML 3Page - STMicroelectronics M74HC109B1R Datasheet HTML 4Page - STMicroelectronics M74HC109B1R Datasheet HTML 5Page - STMicroelectronics M74HC109B1R Datasheet HTML 6Page - STMicroelectronics M74HC109B1R Datasheet HTML 7Page - STMicroelectronics M74HC109B1R Datasheet HTML 8Page - STMicroelectronics M74HC109B1R Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
M74HC109
2/12
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
LOGIC DIAGRAM
This logic diagram has not be used to estimate propagation delays
PIN No
SYMBOL
NAME AND FUNCTION
1,15
1CLR, 2CLR
Asynchronous Reset
Direct Input
2, 14, 3, 13
1J, 2J, 1K,
2K
Synchronous Inputs;
Flip-Flops 1 and 2
4, 12
1CK, 2CK
Clock Input
5, 11
1PR, 2PR
Asynchronous Set Direct
Input (Active Low)
6, 10
1Q, 2Q
True Flip-Flop Outputs
7, 9
1Q, 2Q
Complement Flip-Flop
Outputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
CLR
PR
JK
CK
Q
Q
L
H
X
X
X
L
H
CLEAR
H
L
X
X
X
H
L
PRESET
LL
X
X
X
H
H
----
H
H
L
H
Qn
Qn
NO CHANGE
H
H
L
L
L
H
----
HHHH
H
L
----
HHH
L
Qn
Qn
TOGGLE
H
H
X
X
Qn
Qn
NO CHANGE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com