Electronic Components Datasheet Search
  English  ▼

X  

M74HC125 Datasheet(PDF) 7 Page - STMicroelectronics

Part # M74HC125
Description  QUAD BUS BUFFER (3-STATE)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC125 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button M74HC125 Datasheet HTML 2Page - STMicroelectronics M74HC125 Datasheet HTML 3Page - STMicroelectronics M74HC125 Datasheet HTML 4Page - STMicroelectronics M74HC125 Datasheet HTML 5Page - STMicroelectronics M74HC125 Datasheet HTML 6Page - STMicroelectronics M74HC125 Datasheet HTML 7Page - STMicroelectronics M74HC125 Datasheet HTML 8Page - STMicroelectronics M74HC125 Datasheet HTML 9Page - STMicroelectronics M74HC125 Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
M74HC125
7/10
DIM.
mm.
inch
MIN.
TYP
MAX.
MIN.
TYP.
MAX.
a1
0.51
0.020
B
1.39
1.65
0.055
0.065
b
0.5
0.020
b1
0.25
0.010
D
20
0.787
E
8.5
0.335
e
2.54
0.100
e3
15.24
0.600
F
7.1
0.280
I
5.1
0.201
L
3.3
0.130
Z
1.27
2.54
0.050
0.100
Plastic DIP-14 MECHANICAL DATA
P001A



Html Pages

1 2 3 4 5 6 7 8 9 10