Electronic Components Datasheet Search
  English  ▼

X  

ZMD65W Datasheet(PDF) 3 Page - SunLED Corporation

Part # ZMD65W
Description  2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMD65W Datasheet(HTML) 3 Page - SunLED Corporation

  ZMD65W Datasheet HTML 1Page - SunLED Corporation ZMD65W Datasheet HTML 2Page - SunLED Corporation ZMD65W Datasheet HTML 3Page - SunLED Corporation ZMD65W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Published Date : FEB 27, 2008
Drawing No : SDSA0230
V7
Checked : B.L.LIU
P.3/4
Part Number:
ZMD65W
2.1x0.7mm RIGHT ANGLE SMD CHIP LED LAMP
www.SunLED.com
Recommended Soldering Pattern
(Units : mm; Tolerance: ±0.1)
The device has a single mounting surface. The device
must be mounted according to the specifications.
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity / luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity / Luminous Flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
Tape Specification (Units : mm)



Html Pages

1 2 3 4