Electronic Components Datasheet Search
  English  ▼

X  

ZMD74W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMD74W
Description  2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMD74W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMD74W Datasheet HTML 1Page - SunLED Corporation ZMD74W Datasheet HTML 2Page - SunLED Corporation ZMD74W Datasheet HTML 3Page - SunLED Corporation ZMD74W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 25, 2008
Drawing No : SDSA2539
V8
Checked : B.L.LIU
P.1/4
Part Number:
ZMD74W
2.1x0.6mm RIGHT ANGLE SURFACE LED
LAMP
www.SunLED.com
Absolute Maximum Ratings
(TA=25°C)
MD
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
°C
Operating Characteristics
(TA=25°C)
MD
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
628
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
27
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMD74W
Red
InGaAlP
Water Clear
110
297
640
120
°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.1(0.004") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
2.1mmX0.6mm RIGHT ANGLE SMT LED, 1.0mm THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE: 2000PCS / REEL .
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
R.
CHEN
數位簽署者:R.CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com, c=<無>
日期︰2008.02.26
13:30:54 +08'00'


Similar Part No. - ZMD74W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
116Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
99Kb / 2P
Surface mount Silicon-Zener Diodes
logo
EIC discrete Semiconduc...
ZMD7.5 EIC-ZMD7.5 Datasheet
116Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
134Kb / 2P
SMD Zener Diodes
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
127Kb / 2P
SMD Zener Diodes
More results

Similar Description - ZMD74W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APA2106PBC KINGBRIGHT-APA2106PBC Datasheet
280Kb / 5P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SEC KINGBRIGHT-APA2106SEC Datasheet
150Kb / 5P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106SYCK KINGBRIGHT-APA2106SYCK Datasheet
292Kb / 5P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106VGC KINGBRIGHT-APA2106VGC Datasheet
282Kb / 5P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106PBC-Z KINGBRIGHT-APA2106PBC-Z Datasheet
197Kb / 5P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
APA2106VGC-Z KINGBRIGHT-APA2106VGC-Z Datasheet
290Kb / 5P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
logo
SunLED Corporation
ZM2CR74W SUNLED-ZM2CR74W Datasheet
188Kb / 4P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZMDK74W SUNLED-ZMDK74W Datasheet
186Kb / 4P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZUR74W SUNLED-ZUR74W Datasheet
189Kb / 4P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
ZUY74W SUNLED-ZUY74W Datasheet
187Kb / 4P
2.1x0.6mm RIGHT ANGLE SURFACE LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com