Electronic Components Datasheet Search
  English  ▼

X  

ZMD77W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMD77W
Description  4.5x2mm SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMD77W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMD77W Datasheet HTML 1Page - SunLED Corporation ZMD77W Datasheet HTML 2Page - SunLED Corporation ZMD77W Datasheet HTML 3Page - SunLED Corporation ZMD77W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Published Date : FEB 25, 2008
Drawing No : SDSA3815
V4
Checked : B.L.LIU
P.1/4
Part Number:
ZMD77W
4.5x2mm SMD CHIP LED LAMP
www.SunLED.com
Features
4.5x2mm SMT LED,0.5mm THICKNESS
LOW POWER CONSUMPTION.
IDEAL FOR BACK LIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
PACKAGE : 1000PCS/REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMD77W
Red
InGaAlP
Water Clear
280
695
640
20
°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
Absolute Maximum Ratings
(TA=25°C)
MD
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
°C
Operating Characteristics
(TA=25°C)
MD
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
628
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
27
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
R.
CHE
N
數位簽署者:R.
CHEN
DN:cn=R.CHEN,
o=SPEC專用,
ou=SPEC專用,
email=fangdh@cn.
kingbright.com,
c=<無>
日期︰2008.02.29
09:48:05 +08'00'


Similar Part No. - ZMD77W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
116Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
99Kb / 2P
Surface mount Silicon-Zener Diodes
logo
EIC discrete Semiconduc...
ZMD7.5 EIC-ZMD7.5 Datasheet
116Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
134Kb / 2P
SMD Zener Diodes
ZMD7.5 DIOTEC-ZMD7.5 Datasheet
127Kb / 2P
SMD Zener Diodes
More results

Similar Description - ZMD77W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APD2520MBC03 KINGBRIGHT-APD2520MBC03 Datasheet
117Kb / 4P
4.5x2mm SMD CHIP LED LAMP
APD2520SEC03 KINGBRIGHT-APD2520SEC03 Datasheet
113Kb / 4P
4.5x2mm SMD CHIP LED LAMP
APD2520SECK03 KINGBRIGHT-APD2520SECK03 Datasheet
113Kb / 4P
4.5x2mm SMD CHIP LED LAMP
APD2520SYC03 KINGBRIGHT-APD2520SYC03 Datasheet
113Kb / 4P
4.5x2mm SMD CHIP LED LAMP
APD2520SYCK03 KINGBRIGHT-APD2520SYCK03 Datasheet
114Kb / 4P
4.5x2mm SMD CHIP LED LAMP
APD2520SURC03 KINGBRIGHT-APD2520SURC03 Datasheet
108Kb / 4P
4.5x2mm SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2CR77W SUNLED-ZM2CR77W Datasheet
189Kb / 4P
4.5x2mm SMD CHIP LED LAMP
ZUR77W SUNLED-ZUR77W Datasheet
189Kb / 4P
4.5x2mm SMD CHIP LED LAMP
ZUY77W SUNLED-ZUY77W Datasheet
217Kb / 3P
4.5x2mm SMD CHIP LED LAMP
logo
HK TO-GRACE TECHNOLOGY ...
APD2520SGC03 TO-GRACE-APD2520SGC03 Datasheet
1Mb / 5P
4.5x2mm SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com