Electronic Components Datasheet Search
  English  ▼

X  

M74HC153 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC153
Description  DUAL 4 CHANNEL MULTIPLEXER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC153 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC153 Datasheet HTML 1Page - STMicroelectronics M74HC153 Datasheet HTML 2Page - STMicroelectronics M74HC153 Datasheet HTML 3Page - STMicroelectronics M74HC153 Datasheet HTML 4Page - STMicroelectronics M74HC153 Datasheet HTML 5Page - STMicroelectronics M74HC153 Datasheet HTML 6Page - STMicroelectronics M74HC153 Datasheet HTML 7Page - STMicroelectronics M74HC153 Datasheet HTML 8Page - STMicroelectronics M74HC153 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
tPD = 16ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 153
DESCRIPTION
The M74HC153 is an high speed CMOS DUAL 4
CHANNEL MULTIPLEXER fabricated with silicon
gate C2MOS technology.
Each of these data (1C0-1C3, 2C0-2C3) is
selected by the two address inputs A and B.
Separate strobe inputs (1G, 2G) are provided for
each of the two four-line sections. The strobe input
(nG) can be used to inhibit the data output; the
output of M74HC153 is fixed at low level while the
strobe input is held high.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC153
DUAL 4 CHANNEL MULTIPLEXER
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC153B1R
SOP
M74HC153M1R
M74HC153RM13TR
TSSOP
M74HC153TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC153

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC153 STMICROELECTRONICS-M74HC153 Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
M74HC153B1R STMICROELECTRONICS-M74HC153B1R Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
M74HC153C1R STMICROELECTRONICS-M74HC153C1R Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
M74HC153F1R STMICROELECTRONICS-M74HC153F1R Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
M74HC153M1R STMICROELECTRONICS-M74HC153M1R Datasheet
260Kb / 12P
HC253 DUAL 4 CHANNEL MULTIPLEXER 3 STATE OUTPUT HC153 DUAL 4 CHANNEL MULTIPLEXER
Jan-1993
More results

Similar Description - M74HC153

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJU4052B NJRC-NJU4052B Datasheet
197Kb / 5P
DUAL 4-CHANNEL MULTIPLEXER?
logo
Toshiba Semiconductor
TC74VHC153F TOSHIBA-TC74VHC153F Datasheet
229Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
TC7MH153FK TOSHIBA-TC7MH153FK Datasheet
194Kb / 5P
DUAL 4-CHANNEL MULTIPLEXER
TC74ACT153F TOSHIBA-TC74ACT153F Datasheet
268Kb / 7P
DUAL 4 CHANNEL MULTIPLEXER
TC74AC153P TOSHIBA-TC74AC153P Datasheet
261Kb / 7P
DUAL 4-CHANNEL MULTIPLEXER
TC7MH153FK TOSHIBA-TC7MH153FK_07 Datasheet
188Kb / 7P
Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_07 Datasheet
258Kb / 11P
Dual 4-Channel Multiplexer
TC74ACT153F TOSHIBA-TC74ACT153F_12 Datasheet
269Kb / 8P
Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_12 Datasheet
218Kb / 10P
Dual 4-Channel Multiplexer
TC74VHC153F TOSHIBA-TC74VHC153F_V01 Datasheet
302Kb / 6P
DUAL 4-CHANNEL MULTIPLEXER
1997-03-30
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com