Electronic Components Datasheet Search
  English  ▼

X  

M74HC191RM13TR Datasheet(PDF) 2 Page - STMicroelectronics

Part # M74HC191RM13TR
Description  4 BIT SYNCHRONOUS UP/DOWN COUNTERS
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC191RM13TR Datasheet(HTML) 2 Page - STMicroelectronics

  M74HC191RM13TR Datasheet HTML 1Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 2Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 3Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 4Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 5Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 6Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 7Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 8Page - STMicroelectronics M74HC191RM13TR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
M74HC191
2/14
INPUT AND OUTPUT EQUIVALENT CIRCUIT
PIN DESCRIPTION
TRUTH TABLE
X : Don’t Care
a - d : The level of steady state inputs a through d respectively
PIN No
SYMBOL
NAME AND FUNCTION
3, 2, 6, 7
QA to QD
Flip-Flop Outputs
4
ENABLE
Count Enable Input
(Active LOW)
5U/D
Parallel Data Input
11
LOAD
Load Input (Active LOW)
12
MA/MI OUT Terminal Count Output
13
RC
Ripple Clock Output
(Active LOW)
14
CLOCK
Clock Input (LOW to
HIGH, edge triggered)
15, 1, 10, 9
DA to DD
Data Inputs
8
GND
Ground (0V)
16
Vcc
Positive Supply Voltage
INPUTS
OUTPUTS
FUNCTION
LOAD
ENABLE
D/U
CLOCK
QAQBQCQD
L
X
X
X
a
b
c
d
PRESET DATA
H
L
L
UP COUNT
UP COUNT
H
L
H
DOWN COUNT
DOWN COUNT
H
H
X
NO CHANGE
NO COUNT
H
X
X
NO CHANGE
NO COUNT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com