Electronic Components Datasheet Search
  English  ▼

X  

ZMD90W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMD90W
Description  4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMD90W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMD90W Datasheet HTML 1Page - SunLED Corporation ZMD90W Datasheet HTML 2Page - SunLED Corporation ZMD90W Datasheet HTML 3Page - SunLED Corporation ZMD90W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : FEB 26,2008
Drawing No :SDSA4576
V3
Checked : B.L.LIU
P. 1/4
Part Number:
ZMD90W
4.1 x 1.0mm RIGHT ANGLE SMD CHIP
LED LAMP
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMD90W
Red
InGaAlP
Water Clear
110
248
640
90
°
Features
●4.1mm x 1.0mm RIGHT ANGLE SMT LED, 1.52mm
THICKNESS.
●LOW POWER CONSUMPTION.
●WIDE VIEWING ANGLE.
●IDEAL FOR BACKLIGHT AND INDICATOR
●VARIOUS COLORS AND LENS TYPES AVAILABLE.
●PACKAGE: 2000PCS/REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
●RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MD
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
°C
Operating Characteristics
(TA=25°C)
MD
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
628
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
27
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF


Similar Part No. - ZMD90W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
116Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
99Kb / 2P
Surface mount Silicon-Zener Diodes
logo
EIC discrete Semiconduc...
ZMD9.1 EIC-ZMD9.1 Datasheet
116Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
134Kb / 2P
SMD Zener Diodes
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
127Kb / 2P
SMD Zener Diodes
More results

Similar Description - ZMD90W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APKA4110MBC KINGBRIGHT-APKA4110MBC Datasheet
162Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110MGCK KINGBRIGHT-APKA4110MGCK Datasheet
152Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110QBC-D-F01 KINGBRIGHT-APKA4110QBC-D-F01 Datasheet
300Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SURC KINGBRIGHT-APKA4110SURC Datasheet
154Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SURCK-F01 KINGBRIGHT-APKA4110SURCK-F01 Datasheet
295Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SYC KINGBRIGHT-APKA4110SYC Datasheet
154Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110SYCK-F01 KINGBRIGHT-APKA4110SYCK-F01 Datasheet
294Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110VGC-A-F01 KINGBRIGHT-APKA4110VGC-A-F01 Datasheet
278Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
APKA4110ZGC-F01 KINGBRIGHT-APKA4110ZGC-F01 Datasheet
302Kb / 5P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB90W SUNLED-ZM2BB90W Datasheet
194Kb / 4P
4.1 x 1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com