Electronic Components Datasheet Search
  English  ▼

X  

XC6210 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XC6210
Description  High Current, High Speed LDO Regulators
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XC6210 Datasheet(HTML) 2 Page - Torex Semiconductor

  XC6210 Datasheet HTML 1Page - Torex Semiconductor XC6210 Datasheet HTML 2Page - Torex Semiconductor XC6210 Datasheet HTML 3Page - Torex Semiconductor XC6210 Datasheet HTML 4Page - Torex Semiconductor XC6210 Datasheet HTML 5Page - Torex Semiconductor XC6210 Datasheet HTML 6Page - Torex Semiconductor XC6210 Datasheet HTML 7Page - Torex Semiconductor XC6210 Datasheet HTML 8Page - Torex Semiconductor XC6210 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
2/22
XC6210 Series
PIN NUMBER
SOT-25
SOT-89-5
USP-6B
PIN NAME
FUNCTION
3
1
1
CE
ON/OFF Control
1
4
3
VIN
Power Input
2
2
4
VSS
Ground
5
5
5
VOUT
Output
4
3
2, 6
NC
No Connection
SERIES
CE INPUT LOGIC
XC6210A
High Active with Pull-Down Resistor
XC6210B
High Active with No Pull-Down Resistor
XC6210C
Low Active with Pull-Up Resistor
XC6210D
Low Active with No Pull-Up Resistor
DESIGNATOR
DESRIPTION
SYMBOL
DESCRIPTION
A
: High Active with pull-down resistor
B
: High Active with no pull-down resistor
C
: Low Active with pull-up resistor
①
CE Pin Functions
D
: Low Active with no pull-up resistor
② ③
Output Voltage
08~50
: ex.) 3.0V
→ ②=3, ③=0
2
: 100mV increments, +2% (VOUT<1.5V
→less than +30mV)
ex.) 2.80V
→②=2, ③=8, ④=2
④
Output Voltage Accuracy
A
: 50mV increments, +2% (VOUT<1.5V
→less than +30mV)
ex.) 2.85V
→②=2, ③=8, ④=A
M
: SOT-25 (SOT-23-5)
P
: SOT-89-5
⑤
Packages
D
: USP-6B
R
: Embossed tape, standard feed
⑥
Device Orientation
L
: Embossed tape, reverse feed
■PIN CONFIGURATION
1
2
3
4
5
NC
VOUT
VIN VSS CE
SOT-25 (TOP VIEW)
4
5
3
2
1
NC
VSS
CE
VOUT
VIN
SOT-89-5 (TOP VIEW)
■PIN ASSIGNMENT
■PRODUCT CLASSIFICATION
●Selection Guide
CE Input Logic, Internal Pull-Up / Down Resistor
●Ordering Information
XC6210
①②③④⑤⑥
*The
dissipation
pad
for
the
USP-6B
package
should
be
solder-plated
in
recommended
mount pattern and metal masking
so
as
to
enhance
mounting
strength and heat release.
If the
pad needs to be connected to
other pins, it should be connected
to the VSS pins.
USP-6B
(BOTTOM VIEW)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com