Electronic Components Datasheet Search
  English  ▼

X  

XZMD91W Datasheet(PDF) 1 Page - SunLED Corporation

Part # XZMD91W
Description  4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

XZMD91W Datasheet(HTML) 1 Page - SunLED Corporation

  XZMD91W Datasheet HTML 1Page - SunLED Corporation XZMD91W Datasheet HTML 2Page - SunLED Corporation XZMD91W Datasheet HTML 3Page - SunLED Corporation XZMD91W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : FEB 27,2008
Drawing No : SDSA6425
V1
Checked : B.L.LIU
P.1/4
Part Number:
XZMD91W
4.0x3.0mm RIGHT ANGLE SMD CHIP LED
LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMD91W
Red
InGaAlP
Water Clear
70
278
640
90°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
4.0mmx3.0mm RIGHT ANGLE SMT LED, 2.65mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE :500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
MD
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
°C
Operating Characteristics
(TA=25°C)
MD
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength Of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength Of Dominant
Emission (Typ.)
(IF=20mA)
λ D
628
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
27
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF


Similar Part No. - XZMD91W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
XZMD68W-1 ETC1-XZMD68W-1 Datasheet
198Kb / 3P
1.0x0.5mm SMD CHIP LED LAMP
logo
SunLED Corporation
XZMDH160S SUNLED-XZMDH160S Datasheet
370Kb / 9P
White ceramic package with silicone resin
XZMDK105S SUNLED-XZMDK105S Datasheet
309Kb / 5P
Long life and robust package
XZMDK168W SUNLED-XZMDK168W Datasheet
236Kb / 4P
Ideal for indication light on hand held products
logo
List of Unclassifed Man...
XZMDK45W ETC1-XZMDK45W Datasheet
214Kb / 3P
3.5x2.8 mm SMD CHIP LED LAMP
More results

Similar Description - XZMD91W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APEKA4030MGC KINGBRIGHT-APEKA4030MGC Datasheet
150Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030PBC KINGBRIGHT-APEKA4030PBC Datasheet
168Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030SEC KINGBRIGHT-APEKA4030SEC Datasheet
147Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030SURC KINGBRIGHT-APEKA4030SURC Datasheet
147Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030SYC KINGBRIGHT-APEKA4030SYC Datasheet
148Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APHH1005RWF-A KINGBRIGHT-APHH1005RWF-A Datasheet
346Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030PBC-A-F01 KINGBRIGHT-APEKA4030PBC-A-F01 Datasheet
164Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB91W SUNLED-ZM2BB91W Datasheet
192Kb / 4P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2BG91W SUNLED-ZM2BG91W Datasheet
192Kb / 4P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZSG91W SUNLED-ZSG91W Datasheet
189Kb / 4P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com