Electronic Components Datasheet Search
  English  ▼

X  

ZMD94W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMD94W
Description  5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMD94W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMD94W Datasheet HTML 1Page - SunLED Corporation ZMD94W Datasheet HTML 2Page - SunLED Corporation ZMD94W Datasheet HTML 3Page - SunLED Corporation ZMD94W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : MAR 08,2008
Drawing No : SDSA6417
V1
Checked : B.L.LIU
P.1/4
Part Number:
ZMD94W
5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMD94W
Red
InGaAlP
Water Clear
70
278
640
90°
PRELIMINARY SPEC
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
5.6mmX1.4mm RIGHT ANGLE SMT LED, 1.0mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
VARIOUS COLORS AND LENS TYPES AVAILABLE.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
PACKAGE: 2000PCS / REEL .
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MD
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
185
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
Storage Temperature
Tstg
-40 ~ +85
°C
Operating Characteristics
(TA=25°C)
MD
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.9
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
640
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
628
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
27
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
45
pF
yalin
數位簽署者:yalin
DN:cn=yalin, o, ou,
email=sjhou@cn.
kingbright.com, c=<無>
日期︰2008.03.08 14:16:04
+08'00'


Similar Part No. - ZMD94W

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
116Kb / 2P
Surface mount Silicon-Zener Diodes (non-planar technology)
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
99Kb / 2P
Surface mount Silicon-Zener Diodes
logo
EIC discrete Semiconduc...
ZMD9.1 EIC-ZMD9.1 Datasheet
116Kb / 2P
ZENER DIODES
logo
Diotec Semiconductor
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
134Kb / 2P
SMD Zener Diodes
ZMD9.1 DIOTEC-ZMD9.1 Datasheet
127Kb / 2P
SMD Zener Diodes
More results

Similar Description - ZMD94W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APTKA5614PBC-A KINGBRIGHT-APTKA5614PBC-A Datasheet
164Kb / 5P
5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
APTKA5614SYCK KINGBRIGHT-APTKA5614SYCK Datasheet
192Kb / 5P
5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB94W SUNLED-ZM2BB94W Datasheet
194Kb / 4P
5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2BG94W SUNLED-ZM2BG94W Datasheet
191Kb / 4P
5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
ZSG94W SUNLED-ZSG94W Datasheet
189Kb / 4P
5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
ZSGK94W SUNLED-ZSGK94W Datasheet
189Kb / 4P
5.6X1.4mm RIGHT ANGLE SMD CHIP LED LAMP
logo
Kingbright Corporation
AA2810ASYSK KINGBRIGHT-AA2810ASYSK Datasheet
235Kb / 6P
2.8X0.8mm RIGHT ANGLE SMD CHIP LED LAMP
APA1606QBC-D KINGBRIGHT-APA1606QBC-D Datasheet
272Kb / 5P
1.6x0.6mm RIGHT ANGLE SMD CHIP LED LAMP
APPA3010ZGCK KINGBRIGHT-APPA3010ZGCK Datasheet
312Kb / 5P
3.0mmx1.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
XZCBDDGME56W SUNLED-XZCBDDGME56W Datasheet
314Kb / 4P
3.0x1.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com