Electronic Components Datasheet Search
  English  ▼

X  

XCM406 Datasheet(PDF) 2 Page - Torex Semiconductor

Part # XCM406
Description  High Current High Speed Dual LDO Regulator
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOREX [Torex Semiconductor]
Direct Link  http://www.torex.co.jp
Logo TOREX - Torex Semiconductor

XCM406 Datasheet(HTML) 2 Page - Torex Semiconductor

  XCM406 Datasheet HTML 1Page - Torex Semiconductor XCM406 Datasheet HTML 2Page - Torex Semiconductor XCM406 Datasheet HTML 3Page - Torex Semiconductor XCM406 Datasheet HTML 4Page - Torex Semiconductor XCM406 Datasheet HTML 5Page - Torex Semiconductor XCM406 Datasheet HTML 6Page - Torex Semiconductor XCM406 Datasheet HTML 7Page - Torex Semiconductor XCM406 Datasheet HTML 8Page - Torex Semiconductor XCM406 Datasheet HTML 9Page - Torex Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2/20
XCM406 Series
PIN
NUMBER
PIN NAME
USP-12
XCM406
XC6210
XC6210
FUNCTION
1
VIN1
VIN
-
VR1 Power Input
2
NC
-
-
No Connection
3
VSS1
VSS
-
VR1 Ground
4
VIN2
-
VIN
VR2 Power Input
5
NC
-
No Connection
6
VSS2
-
VSS
VR2 Ground
7
VOUT2
-
VOUT
VR2 Output
8
NC
-
-
No Connection
9
EN2
-
CE
VR2 ON/OFF Control
10
VOUT1
VOUT
-
VR1 Output
11
NC
-
-
No Connection
12
EN1
CE
-
VR1 ON/OFF Control
■PIN CONFIGURATION
■PIN ASSIGNMENT
(BOTTOM VIEW)
* A dissipation pad on the reverse side of the package should be electrically isolated.
*1: Electrical potential of the XC6210 series’ dissipation pad should the VSS level.
*2: Electrical potential of the XC6210 series’ dissipation pad should be the VSS level.
Care must be taken for an electrical potential of each dissipation pad so as to enhance mounting strength and heat release when the pad
needs to be connected to the circuit.
VOUT1
VOUT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com