Electronic Components Datasheet Search
  English  ▼

X  

ZMDKBBA57W Datasheet(PDF) 4 Page - SunLED Corporation

Part # ZMDKBBA57W
Description  3.0x2.5mm SURFACE MOUNT LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKBBA57W Datasheet(HTML) 4 Page - SunLED Corporation

  ZMDKBBA57W Datasheet HTML 1Page - SunLED Corporation ZMDKBBA57W Datasheet HTML 2Page - SunLED Corporation ZMDKBBA57W Datasheet HTML 3Page - SunLED Corporation ZMDKBBA57W Datasheet HTML 4Page - SunLED Corporation ZMDKBBA57W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Published Date : FEB 25 ,2008
Drawing No : SDSA6265
V1
Checked : B.L.LIU
P.4/5
3.0x2.5mm SURFACE MOUNT LED LAMP
Part Number:
ZMDKBBA57W
www.SunLED.com
Recommended Soldering Pattern
(Units : mm; Tolerance: ± 0.1)
Tape Specification (Units : mm)
Remarks:
If special sorting is required (e.g. binning based on forward voltage, Luminous intensity/ luminous flux, or wavelength),
the typical accuracy of the sorting process is as follows:
1. Wavelength: +/-1nm
2. Luminous intensity/ luminous flux: +/-15%
3. Forward Voltage: +/-0.1V
Note: Accuracy may depend on the sorting parameters.
The device has a single mounting surface. The device
must be mounted according to the specifications.



Html Pages

1 2 3 4 5