Electronic Components Datasheet Search
  English  ▼

X  

M74HC366 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC366
Description  HEX BUS BUFFER WITH 3 STATE OUTPUTS (INVERTING)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC366 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC366_01 Datasheet HTML 1Page - STMicroelectronics M74HC366_01 Datasheet HTML 2Page - STMicroelectronics M74HC366_01 Datasheet HTML 3Page - STMicroelectronics M74HC366_01 Datasheet HTML 4Page - STMicroelectronics M74HC366_01 Datasheet HTML 5Page - STMicroelectronics M74HC366_01 Datasheet HTML 6Page - STMicroelectronics M74HC366_01 Datasheet HTML 7Page - STMicroelectronics M74HC366_01 Datasheet HTML 8Page - STMicroelectronics M74HC366_01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
July 2001
s
HIGH SPEED:
tPD = 10ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 366
DESCRIPTION
The 74HC366 is an advanced high-speed CMOS
HEX BUS BUFFER (3-STATE) fabricated with
silicon gate C2MOS technology.
All six buffers are controlled by the combination of
two enable inputs (G1 and G2); all outputs of
these buffers are enabled only when both G1 and
G2 inputs are held low, under all other conditions
these output are disabled in a high-impedance
state.
The M74HC366 has inverting outputs.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC366
HEX BUS BUFFER
WITH 3 STATE OUTPUTS (INVERTING)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC366B1R
SOP
M74HC366M1R
M74HC366RM13TR
TSSOP
M74HC366TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC366_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC366B1R STMICROELECTRONICS-M74HC366B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M74HC366B1R STMICROELECTRONICS-M74HC366B1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC366C1R STMICROELECTRONICS-M74HC366C1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M74HC366C1R STMICROELECTRONICS-M74HC366C1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
M74HC366F1R STMICROELECTRONICS-M74HC366F1R Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
More results

Similar Description - M74HC366_01

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
03-May-2004
M54HC367 STMICROELECTRONICS-M54HC367 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC367 NON INVERTING, HC368 INVERTING
Oct-1992
M74HC366 STMICROELECTRONICS-M74HC366 Datasheet
249Kb / 11P
HEX BUS BUFFER 3-STATE HC365 NON INVERTING- HC366 INVERTING
Oct-1992
logo
Toshiba Semiconductor
TC74HC540AP TOSHIBA-TC74HC540AP Datasheet
232Kb / 6P
OCTAL BUS BUFFER INVERTING/NON-INVERTING, 3-STATE OUTPUTS
logo
STMicroelectronics
M54HC365 STMICROELECTRONICS-M54HC365 Datasheet
229Kb / 11P
RAD-HARD HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
03-May-2004
M74HCT367 STMICROELECTRONICS-M74HCT367 Datasheet
203Kb / 9P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Sep-2001
M74HC365 STMICROELECTRONICS-M74HC365_01 Datasheet
241Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUTS (NON INVERTING)
Jul-2001
M74HC367 STMICROELECTRONICS-M74HC367 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT NON INVERTING
Jul-2001
M74HC368 STMICROELECTRONICS-M74HC368 Datasheet
242Kb / 10P
HEX BUS BUFFER WITH 3 STATE OUTPUT INVERTING
Jul-2001
logo
NXP Semiconductors
HEF40098B PHILIPS-HEF40098B_15 Datasheet
180Kb / 13P
Hex inverting buffer; 3-state
Rev. 8-21 November 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com