Electronic Components Datasheet Search
  English  ▼

X  

M74HC540 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC540
Description  OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC540 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC540 Datasheet HTML 1Page - STMicroelectronics M74HC540 Datasheet HTML 2Page - STMicroelectronics M74HC540 Datasheet HTML 3Page - STMicroelectronics M74HC540 Datasheet HTML 4Page - STMicroelectronics M74HC540 Datasheet HTML 5Page - STMicroelectronics M74HC540 Datasheet HTML 6Page - STMicroelectronics M74HC540 Datasheet HTML 7Page - STMicroelectronics M74HC540 Datasheet HTML 8Page - STMicroelectronics M74HC540 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
August 2001
s
HIGH SPEED:
tPD = 9ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC = 4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 6mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 540
DESCRIPTION
The 74HC540 is an advanced high-speed CMOS
OCTAL BUS BUFFER (3-STATE) fabricated with
silicon C2MOS technology. The M74HC541 is an
inverting buffer.
The 3-STATE control gate operates as a two input
AND such that if either G1 and G2 are high, all
eight output are in the high impedance state. In
order to enhance PC board layout the M74HC540
offer a pinout having inputs and outputs on
opposite sides of the package.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC540
OCTAL BUS BUFFER
WITH 3 STATE OUTPUTS (INVERTED)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC540B1R
SOP
M74HC540M1R
M74HC540RM13TR
TSSOP
M74HC540TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC540 STMICROELECTRONICS-M74HC540 Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540B1R STMICROELECTRONICS-M74HC540B1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540C1R STMICROELECTRONICS-M74HC540C1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540F1R STMICROELECTRONICS-M74HC540F1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
M74HC540M1R STMICROELECTRONICS-M74HC540M1R Datasheet
266Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS HC540: INVERTED - HC541 NON INVERTED
Oct-1993
More results

Similar Description - M74HC540

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74AC240 STMICROELECTRONICS-74AC240 Datasheet
79Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
74ACT240 STMICROELECTRONICS-74ACT240 Datasheet
78Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Apr-1997
74VHC240 STMICROELECTRONICS-74VHC240 Datasheet
65Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Jun-1999
74VHCT240A STMICROELECTRONICS-74VHCT240A Datasheet
63Kb / 8P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS INVERTED
Aug-1999
74AC240 STMICROELECTRONICS-74AC240_01 Datasheet
204Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
74ACT240 STMICROELECTRONICS-74ACT240_01 Datasheet
203Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Apr-2001
M74HCT240 STMICROELECTRONICS-M74HCT240 Datasheet
198Kb / 9P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Aug-2001
74VHC240 STMICROELECTRONICS-74VHC240_04 Datasheet
261Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
12-Nov-2004
74VHCT240A STMICROELECTRONICS-74VHCT240A_04 Datasheet
244Kb / 12P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
16-Dec-2004
M74HC240 STMICROELECTRONICS-M74HC240 Datasheet
205Kb / 10P
OCTAL BUS BUFFER WITH 3 STATE OUTPUTS (INVERTED)
Jul-2001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com