Electronic Components Datasheet Search
  English  ▼

X  

M74HC670 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M74HC670
Description  4 WORD x 4 BIT REGISTER FILE (3 STATE)
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M74HC670 Datasheet(HTML) 1 Page - STMicroelectronics

  M74HC670 Datasheet HTML 1Page - STMicroelectronics M74HC670 Datasheet HTML 2Page - STMicroelectronics M74HC670 Datasheet HTML 3Page - STMicroelectronics M74HC670 Datasheet HTML 4Page - STMicroelectronics M74HC670 Datasheet HTML 5Page - STMicroelectronics M74HC670 Datasheet HTML 6Page - STMicroelectronics M74HC670 Datasheet HTML 7Page - STMicroelectronics M74HC670 Datasheet HTML 8Page - STMicroelectronics M74HC670 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1/11
August 2001
s
HIGH SPEED :
tPD = 22 ns (TYP.) at VCC = 6V
s
LOW POWER DISSIPATION:
ICC =4µA(MAX.) at TA=25°C
s
HIGH NOISE IMMUNITY:
VNIH = VNIL = 28 % VCC (MIN.)
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 4mA (MIN)
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
WIDE OPERATING VOLTAGE RANGE:
VCC (OPR) = 2V to 6V
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 670
DESCRIPTION
The M74HC670 is an high speed CMOS 4-
WORD x 4 BIT REGISTER FILE (3 STATE)
fabricated with silicon gate C2MOS technology.
The M74HC670 is 4 x 4 Register File organized as
four words by four bits. Separate read and write
inputs,
both
address
and
enable,
allow
simultaneous read and write operation. The
3-state outputs make it possible to connect up to
128 outputs to increase the word capacity up to
512 words. Any number of these devices can be
operated in parallel to generate an n-bit length.
All inputs are equipped with protection circuits
against static discharge and transient excess
voltage.
M74HC670
4 WORD x 4 BIT REGISTER FILE (3 STATE)
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
DIP
M74HC670B1R
SOP
M74HC670M1R
M74HC670RM13TR
TSSOP
M74HC670TTR
TSSOP
DIP
SOP


Similar Part No. - M74HC670

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M74HC670 STMICROELECTRONICS-M74HC670 Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
M74HC670B1R STMICROELECTRONICS-M74HC670B1R Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
M74HC670C1R STMICROELECTRONICS-M74HC670C1R Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
M74HC670M1R STMICROELECTRONICS-M74HC670M1R Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
More results

Similar Description - M74HC670

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
SN54LS670 MOTOROLA-SN54LS670 Datasheet
202Kb / 6P
4 x 4 REGISTER FILE WITH 3-STATE OUTPUTS
logo
NXP Semiconductors
74F670 PHILIPS-74F670 Datasheet
97Kb / 12P
4 x 4 register file 3-State
1990 Jul 12
74HC670 PHILIPS-74HC670 Datasheet
80Kb / 9P
4 x 4 register file; 3-state
December 1990
74HC7403 PHILIPS-74HC7403 Datasheet
163Kb / 28P
4-Bit x 64-word FIFO register; 3-state
September 1993
logo
STMicroelectronics
M54HC670 STMICROELECTRONICS-M54HC670 Datasheet
264Kb / 12P
4 WORD X 4 BIT REGISTER FILE 3 STATE
Oct-1992
logo
Toshiba Semiconductor
TC74HC670AP TOSHIBA-TC74HC670AP Datasheet
289Kb / 7P
4 WORDx4 BIT REGISTER FILE(3-STATE)
18-Aug-1998
logo
Fairchild Semiconductor
DM74LS670 FAIRCHILD-DM74LS670 Datasheet
65Kb / 6P
3-STATE 4-by-4 Register File
logo
Hitachi Semiconductor
HD74AC670 HITACHI-HD74AC670 Datasheet
62Kb / 10P
4 x 4 Register File with 3-State Output
logo
NXP Semiconductors
74HC670DB PHILIPS-74HC670DB Datasheet
83Kb / 9P
4 x 4 register file 3-state
December 1990
74HC7403-Q100 NXP-74HC7403-Q100 Datasheet
299Kb / 32P
4-bit x 64-word FIFO register; 3-state
Rev. 1-21 September 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com