Electronic Components Datasheet Search
  English  ▼

X  

PM6670AS Datasheet(PDF) 26 Page - STMicroelectronics

Part # PM6670AS
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670AS Datasheet(HTML) 26 Page - STMicroelectronics

Back Button PM6670AS Datasheet HTML 22Page - STMicroelectronics PM6670AS Datasheet HTML 23Page - STMicroelectronics PM6670AS Datasheet HTML 24Page - STMicroelectronics PM6670AS Datasheet HTML 25Page - STMicroelectronics PM6670AS Datasheet HTML 26Page - STMicroelectronics PM6670AS Datasheet HTML 27Page - STMicroelectronics PM6670AS Datasheet HTML 28Page - STMicroelectronics PM6670AS Datasheet HTML 29Page - STMicroelectronics PM6670AS Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 54 page
background image
Device description
PM6670AS
26/54
Figure 30. "Virtual-ESR" Network
The ripple on the COMP pin is the sum of the output voltage ripple and the triangular ripple
generated by the Virtual-ESR Network. In fact the Virtual-ESR Network behaves like a
another equivalent series resistor RVESR.
A good trade-off is to design the network in order to achieve an RVESR given by:
Equation 11
where
∆I
L is the inductor current ripple and VRIPPLE is the total ripple at the T node, chosen
greater than approximately 20 mV.
The new closed-loop gain depends on CINT. In order to ensure stability it must be verified
that:
Equation 12
where:
Equation 13
and:
COMP
COMP
VSNS
C
CINT
INT
R
RINT
INT
C
CFILT
FILT
t
VREF
C
COUT
OUT
COMP PIN
VOLTAGE
OUTPUT
VOLTAGE
C
C
R
R
R
R11
t
t
T
T NODE
VOLTAGE
∆V
∆V2
ESR
ESR
∆V1
+
-
V
VREF
REF
g
gm
m
R
RFb1
Fb1
R
RFb2
Fb2
Vr
Vr
+
PWM
PWM
Comparator
Comparator
I=gm(V1-Vr)
V
V11
ESR
I
V
R
L
RIPPLE
VESR
−
∆
=
Vout
Vr
f
2
g
C
Z
m
INT
⋅
⋅
π
>
TOT
out
Z
R
C
2
1
f
⋅
⋅
π
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com