Electronic Components Datasheet Search
  English  ▼

X  

PM6670ASTR Datasheet(PDF) 8 Page - STMicroelectronics

Part # PM6670ASTR
Description  Complete DDR2/3 memory power supplies controller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6670ASTR Datasheet(HTML) 8 Page - STMicroelectronics

Back Button PM6670ASTR Datasheet HTML 4Page - STMicroelectronics PM6670ASTR Datasheet HTML 5Page - STMicroelectronics PM6670ASTR Datasheet HTML 6Page - STMicroelectronics PM6670ASTR Datasheet HTML 7Page - STMicroelectronics PM6670ASTR Datasheet HTML 8Page - STMicroelectronics PM6670ASTR Datasheet HTML 9Page - STMicroelectronics PM6670ASTR Datasheet HTML 10Page - STMicroelectronics PM6670ASTR Datasheet HTML 11Page - STMicroelectronics PM6670ASTR Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
Electrical data
PM6670AS
8/54
3
Electrical data
3.1
Maximum rating
3.2
Thermal data
3.3
Recommended operating conditions
Table 3.
Absolute maximum ratings (1)
1.
Free air operating conditions unless otherwise specified. Stresses beyond those listed under "absolute
maximum ratings" may cause permanent damage to the device. Exposure to absolute maximum rated
conditions for extended periods may affect device reliability.
Symbol
Parameter
Value
Unit
VAVCC
AVCC to SGND
-0.3 to 6
V
VVCC
VCC to SGND
-0.3 to 6
PGND, VTTGND to SGND
-0.3 to 0.3
HGATE and BOOT to PHASE
-0.3 to 6
HGATE and BOOT to PGND
-0.3 to 44
VPHASE
PHASE to SGND
-0.3 to 38
LGATE to PGND
-0.3 to VVCC +0.3
CSNS, PG, S3, S5, DSCG, COMP, VSNS,
VOSC, VREF, MODE, DDRSEL to GND
-0.3 to VAVCC + 0.3
VTTREF, VREF, VTT, VTTSNS to SGND
-0.3 to VAVCC + 0.3
LDOIN, VTT, VTTREF, LDOIN to VTTGND
-0.3 to VAVCC + 0.3
PTOT
Power dissipation @TA = 25 °C
2.3
W
Table 4.
Thermal data
Symbol
Parameter
Value
Unit
RthJA
Thermal resistance junction to ambient
42
°C/W
TSTG
Storage temperature range
- 50 to 150
°C
TA
Operating ambient temperature range
- 40 to 125
°C
TJ
Junction operating temperature range
- 40 to 125
°C
Table 5.
Recommended operating conditions
Symbol
Parameter
Min
Typ
Max
Unit
VIN
Input voltage range
4.5
36
V
VAVCC
IC supply voltage
4.5
5.5
VVCC
IC supply voltage
4.5
5.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com