Electronic Components Datasheet Search
  English  ▼

X  

PM6681ATR Datasheet(PDF) 1 Page - STMicroelectronics

Part # PM6681ATR
Description  Dual synchronous step-down controller with adjustable LDO
PDF  47 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM6681ATR Datasheet(HTML) 1 Page - STMicroelectronics

  PM6681ATR Datasheet HTML 1Page - STMicroelectronics PM6681ATR Datasheet HTML 2Page - STMicroelectronics PM6681ATR Datasheet HTML 3Page - STMicroelectronics PM6681ATR Datasheet HTML 4Page - STMicroelectronics PM6681ATR Datasheet HTML 5Page - STMicroelectronics PM6681ATR Datasheet HTML 6Page - STMicroelectronics PM6681ATR Datasheet HTML 7Page - STMicroelectronics PM6681ATR Datasheet HTML 8Page - STMicroelectronics PM6681ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 47 page
background image
June 2008
Rev 3
1/47
47
PM6681A
Dual synchronous step-down controller with adjustable LDO
Features
■ 6 V to 36 V input voltage range
■ Adjustable output voltages
■ 0.9 - 3.3 V LDO adjustable delivers 100 mA
peak current
■ 5 V LDO delivers 100 mA peak current
■ 1.237 V ±1 % reference voltage available
■ No RSENSE current sensing using low side
MOSFETs' RDS(on)
■ Negative current limit
■ Soft-start internally fixed at 2 ms
■ Soft output discharge
■ Latched UVP
■ Not-latched OVP
■ Selectable pulse skipping at light loads
■ Selectable minimum frequency (33 kHz) in
pulse skip mode
■ 5 mW maximum quiescent power
■ Independent Power Good signals
■ Output voltage ripple compensation
Applications
■ Embedded computer system
■ FPGA system power
■ Industrial applications on 24 V
■ High performance and high density DC-DC
modules
■ Notebook computer
Description
PM6681A is a dual step-down controller
specifically designed to provide extremely high
efficiency conversion, with lossless current
sensing technique. The constant on-time
architecture assures fast load transient response
and the embedded voltage feed-forward provides
nearly constant switching frequency operation. An
embedded integrator control loop compensates
the DC voltage error due to the output ripple.
Pulse skipping technique increases efficiency at
very light load. Moreover a minimum switching
frequency of 33 kHz is selectable to avoid audio
noise issues. The PM6681A provides a selectable
switching frequency, allowing three different
values of switching frequencies for the two
switching sections. The output voltages OUT1
and OUT2 can be adjusted from 0.9 V to 5 V and
from 0.9 V to 3.3 V respectively. The device
provides also 2 LDOs, 5 V fixed and 0.9 V - 3.3 V
adjustable.
VFQFPN-32 (5 mm x 5 mm)
Table 1.
Order codes
Order codes
Package
Packaging
PM6681A
VFQFPN-32 (5 mm x 5 mm)
exposed pad
Tray
PM6681ATR
Tape and reel
www.st.com


Similar Part No. - PM6681ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
PM6681ATR STMICROELECTRONICS-PM6681ATR Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
More results

Similar Description - PM6681ATR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L6910 STMICROELECTRONICS-L6910 Datasheet
453Kb / 21P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
Jul-2003
L6732 STMICROELECTRONICS-L6732 Datasheet
794Kb / 33P
Adjustable step-down controller with synchronous rectification
26-Jun-2006
PM6681A STMICROELECTRONICS-PM6681A Datasheet
474Kb / 12P
Dual step-down controller with adjustable LDO
02-Nov-2006
L6730C STMICROELECTRONICS-L6730C Datasheet
1Mb / 50P
Adjustable step-down controller with synchronous rectification
07-Jun-2006
L6730 STMICROELECTRONICS-L6730 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
29-May-2006
PM6680A STMICROELECTRONICS-PM6680A Datasheet
1Mb / 48P
Dual synchronous step-down controller with adjustable output voltages plus LDO
17-Dec-2007
L6910G STMICROELECTRONICS-L6910G Datasheet
1Mb / 26P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6732 STMICROELECTRONICS-L6732_08 Datasheet
900Kb / 37P
Adjustable step-down controller with synchronous rectification
04-Jun-2008
L6910 STMICROELECTRONICS-L6910_05 Datasheet
682Kb / 29P
ADJUSTABLE STEP DOWN CONTROLLER WITH SYNCHRONOUS RECTIFICATION
May-2005
L6730 STMICROELECTRONICS-L6730_09 Datasheet
1Mb / 52P
Adjustable step-down controller with synchronous rectification
07-Dec-2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com