Electronic Components Datasheet Search
  English  ▼

X  

RHFL7913A Datasheet(PDF) 4 Page - STMicroelectronics

Part # RHFL7913A
Description  Rad-hard adjustable negative voltage regulator
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFL7913A Datasheet(HTML) 4 Page - STMicroelectronics

  RHFL7913A Datasheet HTML 1Page - STMicroelectronics RHFL7913A Datasheet HTML 2Page - STMicroelectronics RHFL7913A Datasheet HTML 3Page - STMicroelectronics RHFL7913A Datasheet HTML 4Page - STMicroelectronics RHFL7913A Datasheet HTML 5Page - STMicroelectronics RHFL7913A Datasheet HTML 6Page - STMicroelectronics RHFL7913A Datasheet HTML 7Page - STMicroelectronics RHFL7913A Datasheet HTML 8Page - STMicroelectronics RHFL7913A Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
Pin configuration
RHFL7913A
4/19
2
Pin configuration
Figure 2.
Pin configuration (top view for FLAT-16, bottom view for SMD5C)
FLAT-16
SMD5C
Table 1.
Pin description
Pin n°
FLAT-16
SMD5C
DSCC Part Ident.
5962-02532
5962-02532
1
VI, Negative Input
VI, Negative Input
2
VI, Negative Input
VI, Negative Output
3
VI, Negative Input
ADJ
4
ISC
Inhibit
5OCM
GND
6
VPLUS, Positive Supply
7GND
8N.C.
9N.C.
10
GND
11
Inhibit
12
ADJ
13
N.C.
14
VO, Negative Output
15
VO, Negative Output
16
VO, Negative Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com