Electronic Components Datasheet Search
  English  ▼

X  

SMA6J Datasheet(PDF) 1 Page - STMicroelectronics

Part # SMA6J
Description  High junction temperature Transil
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

SMA6J Datasheet(HTML) 1 Page - STMicroelectronics

  SMA6J Datasheet HTML 1Page - STMicroelectronics SMA6J Datasheet HTML 2Page - STMicroelectronics SMA6J Datasheet HTML 3Page - STMicroelectronics SMA6J Datasheet HTML 4Page - STMicroelectronics SMA6J Datasheet HTML 5Page - STMicroelectronics SMA6J Datasheet HTML 6Page - STMicroelectronics SMA6J Datasheet HTML 7Page - STMicroelectronics SMA6J Datasheet HTML 8Page - STMicroelectronics SMA6J Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
November 2007
Rev 2
1/10
10
SMA6J
High junction temperature Transil™
Features
■ Peak pulse power:
– 600 W (10/1000 µs)
– 4 kW (8/20 µs)
■ Stand off voltage range: from 5 V to 188 V
■ Unidirectional and bidirectional types
■ Low clamping voltage versus standard series
■ Low leakage current:
– 0.2 µA at 25 °C
– 1 µA at 85 °C
■ Operating Tj max: 175 °C
■ JEDEC registered package outline
Complies with the following standards
■ IEC 61000-4-2 level 4:
– 15 kV (air discharge)
– 8 kV (contact discharge)
■ MIL STD 883G-Method 3015-7: class3B
– 25 kV (human body model)
Description
The SMA6J Transil series has been designed to
protect sensitive equipment against electro-static
discharges according to IEC 61000-4-2, MIL STD
883 Method 3015, and electrical over stress such
as IEC 61000-4-4 and 5. They are generally for
surges below 600 W 10/1000 µs.
This planar technology makes it compatible with
high-end equipment and SMPS where low
leakage current and high junction temperature are
required to provide reliability and stability over
time. Their low clamping voltages provides a
better safety margin to protect sensitive circuits
with extended life time expectancy.
Packaged in SMA, this minimizes PCB space
consumption (SMA footprint in accordance with
IPC 7531 standard).
TM: Transil is a trademark of STMicroelectronics
K
A
Unidirectional
Bidirectional
SMA
(JEDEC DO-214AC)
www.st.com


Similar Part No. - SMA6J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
logo
Taiwan Semiconductor Co...
SMA6J TSC-SMA6J Datasheet
218Kb / 5P
Surface Mount Transient Voltage Suppressor
logo
Shanghai Semitech Semic...
SMA6J SEMITECH-SMA6J Datasheet
485Kb / 5P
Glass passivated junction
logo
SeCoS Halbleitertechnol...
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
Littelfuse
SMA6J LITTELFUSE-SMA6J Datasheet
772Kb / 6P
The SMA6J series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events
More results

Similar Description - SMA6J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SM6HT STMICROELECTRONICS-SM6HT Datasheet
51Kb / 6P
HIGH TEMPERATURE TRANSIL FOR AUTOMOTIVE APPLICATIONS
26-Jan-2005
SMA6J STMICROELECTRONICS-SMA6J Datasheet
111Kb / 10P
High junction temperature Transil TM
21-Feb-2007
SMM4F STMICROELECTRONICS-SMM4F Datasheet
111Kb / 10P
High junction temperature Transil?
19-Dec-2007
SMA6F STMICROELECTRONICS-SMA6F Datasheet
105Kb / 9P
High junction temperature Transil
04-Sep-2008
logo
Silikron Semiconductor ...
SSBR10100CT SILIKRON-SSBR10100CT Datasheet
195Kb / 2P
High Junction Temperature
SSBR20100CT SILIKRON-SSBR20100CT Datasheet
197Kb / 3P
High Junction Temperature
logo
STMicroelectronics
SMM4F15A-TR STMICROELECTRONICS-SMM4F15A-TR Datasheet
112Kb / 10P
High junction temperature Transil
19-Dec-2007
SMA6F13A-TR STMICROELECTRONICS-SMA6F13A-TR Datasheet
101Kb / 9P
High junction temperature Transil?
01-Sep-2011
logo
Silikron Semiconductor ...
SSBD5L150A SILIKRON-SSBD5L150A Datasheet
297Kb / 5P
High Junction Temperature
logo
STMicroelectronics
SMA4F STMICROELECTRONICS-SMA4F Datasheet
102Kb / 9P
High junction temperature Transil?
September 2008 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com