Electronic Components Datasheet Search
  English  ▼

X  

ORSPI4 Datasheet(PDF) 189 Page - Lattice Semiconductor

Part # ORSPI4
Description  Dual SPI4 Interface and High-Speed SERDES FPSC
PDF  263 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

ORSPI4 Datasheet(HTML) 189 Page - Lattice Semiconductor

Back Button ORSPI4 Datasheet HTML 185Page - Lattice Semiconductor ORSPI4 Datasheet HTML 186Page - Lattice Semiconductor ORSPI4 Datasheet HTML 187Page - Lattice Semiconductor ORSPI4 Datasheet HTML 188Page - Lattice Semiconductor ORSPI4 Datasheet HTML 189Page - Lattice Semiconductor ORSPI4 Datasheet HTML 190Page - Lattice Semiconductor ORSPI4 Datasheet HTML 191Page - Lattice Semiconductor ORSPI4 Datasheet HTML 192Page - Lattice Semiconductor ORSPI4 Datasheet HTML 193Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 189 / 263 page
background image
Lattice Semiconductor
ORCA ORSPI4 Data Sheet
189
Memory Controller Electrical and Timing Characteristics
HSTL Class I and Class II
HSTL (High-Speed Transceiver Logic) - JEDEC standard JES 8-6 (August 1995), is a technology independent
interface standard for digital integrated circuits. It is a voltage scalable and technology independent I/O structure.
The I/O structures required by this standard contain a reference receiver (typically 50% of the VDDH), described as
a REFI for single-ended inputs and outputs using power supply inputs (VDDH) that may differ from those operating
the device itself. This buffer is designed to receive HSTL signal levels from devices wtih1.5V HSTL I/Os. HSTL also
allows chips with different power supplies to easily communicate with each other.
Table 73. HSTL Class II DC Operating Specifications
1. 50% VDDH
2. VDDH - 400 mV.
Class
Parameter
Condition
Min
Typical
Max
Unit
VDDH
--
1.425
1.5
1.575
V
REFI
1
--
0.64
0.75
0.87
V
VTERM
1
--
--
0.75
-
V
VIH
--
REFI + 100mV
0.85
VDDH + 0.3
V
VIL
--
-0.3
0.65
REFI -100 mV
V
Class 1
VOH
2
IOH > 8 mA
VDDH - 0.4
1.1
--
V
VOL
IOL > -8 mA
--
--
0.4
V
Class 2
VOH
2
IOH > 16 mA
VDDH - 0.4
1.1
--
V
VOL
IOL > -16 mA
--
--
0.4
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com