Electronic Components Datasheet Search
  English  ▼

X  

STA308A Datasheet(PDF) 26 Page - STMicroelectronics

Part # STA308A
Description  Multi-channel digital audio processor with DDX TM
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA308A Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STA308A Datasheet HTML 22Page - STMicroelectronics STA308A Datasheet HTML 23Page - STMicroelectronics STA308A Datasheet HTML 24Page - STMicroelectronics STA308A Datasheet HTML 25Page - STMicroelectronics STA308A Datasheet HTML 26Page - STMicroelectronics STA308A Datasheet HTML 27Page - STMicroelectronics STA308A Datasheet HTML 28Page - STMicroelectronics STA308A Datasheet HTML 29Page - STMicroelectronics STA308A Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 63 page
background image
Registers
STA308A
26/63
7.2.4
Configuration register D (0x03)
The DDX power output mode selects how the DDX output timing is configured. Different
power devices use different output modes. The STA50x recommended use is OM = 10.
Setting the MPC bit turns on special processing that corrects the STA50x power device at
high power. This mode should lower the THD+N of a full STA50x DDX system at maximum
power output and slightly below. This mode will only be operational in OM[1,0] = 01.
D7
D6
D5
D4
D3
D2
D1
D0
MPC
CSZ4CSZ3CSZ2CSZ1CSZ0
OM1
OM0
11
00
00
10
Bit
RW
RST
Name
Description
0RW
0
OM0
DDX power output mode: selects configuration of
DDX output.
1RW
1
OM1
OM[1,0]
Output stage - mode
00
STA50x/STA51xB - drop compensation
01
Discrete output stage - tapered compensation
10
STA50x/STA51xB - full power mode
11
Variable drop compensation (CSZn bits)
Bit
RW
RST
Name
Description
2RW
0
CSZ0
Contra size register: when OM[1,0] = 11, this register
determines the size of the DDX compensating pulse
from 0 clock ticks to 31 clock periods.
3RW
0
CSZ1
4RW
0
CSZ2
5RW
0
CSZ3
6RW
1
CSZ4
CSZ[4:0]
Compensating pulse size
00000
0 clock period compensating pulse size
00001
1 clock period compensating pulse size
……
11111
31 clock period compensating pulse size
Bit
RW
RST
Name
Description
7RW
1
MPC
Max power correction: setting of 1 enables STA50x
correction for THD reduction near maximum power
output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com