Electronic Components Datasheet Search
  English  ▼

X  

STA309A Datasheet(PDF) 57 Page - STMicroelectronics

Part # STA309A
Description  Multi-channel digital audio processor with DDX
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA309A Datasheet(HTML) 57 Page - STMicroelectronics

Back Button STA309A Datasheet HTML 53Page - STMicroelectronics STA309A Datasheet HTML 54Page - STMicroelectronics STA309A Datasheet HTML 55Page - STMicroelectronics STA309A Datasheet HTML 56Page - STMicroelectronics STA309A Datasheet HTML 57Page - STMicroelectronics STA309A Datasheet HTML 58Page - STMicroelectronics STA309A Datasheet HTML 59Page - STMicroelectronics STA309A Datasheet HTML 60Page - STMicroelectronics STA309A Datasheet HTML 61Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 67 page
background image
STA309A
Registers
57/67
7.2.76
Coefficient b0 data register, bits 15:8 (0x4A)
7.2.77
Coefficient b0 data register, bits 7:0 (0x4B)
7.2.78
Coefficient write control register (0x4C)
Coefficients for EQ and Bass Management are handled internally in the STA309A via RAM.
Access to this RAM is available to the user via an I2C register interface.
A collection of I2C registers are dedicated to this function. One contains a coefficient base
address, five sets of three store the values of the 24-bit coefficients to be written or that were
read, and one contains bits used to control the write of the coefficient(s) to RAM. The
following are instructions for reading and writing coefficients.
D7
D6
D5
D4
D3
D2
D1
D0
C5B15
C5B14
C5B13
C5B12
C5B11
C5B10
C5B9
C5B8
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
C5B7
C5B6
C5B5
C5B4
C5B3
C5B2
C5B1
C5B0
00
00
000
0
D7
D6
D5
D4
D3
D2
D1
D0
WA
W1
00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67