Electronic Components Datasheet Search
  English  ▼

X  

STA500 Datasheet(PDF) 7 Page - STMicroelectronics

Part # STA500
Description  30V 3.5A QUAD POWER HALF BRIDGE
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STA500 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STA500_06 Datasheet HTML 3Page - STMicroelectronics STA500_06 Datasheet HTML 4Page - STMicroelectronics STA500_06 Datasheet HTML 5Page - STMicroelectronics STA500_06 Datasheet HTML 6Page - STMicroelectronics STA500_06 Datasheet HTML 7Page - STMicroelectronics STA500_06 Datasheet HTML 8Page - STMicroelectronics STA500_06 Datasheet HTML 9Page - STMicroelectronics STA500_06 Datasheet HTML 10Page - STMicroelectronics STA500_06 Datasheet HTML 11Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
7/11
STA500
Figure 4. Typical Quad Half Bridge Configuration
Note:
The diagran showed below, have been obtained using the demonstration board described in the application
Note AN1456 (STA304 + STA500 Digital Audioprocessor evolution board evaluating manual - Jan 2002), refer
to the schematic shown in fig. 1).
For the Quad Half Bridge Configuration (fig. 4), refers to the application note AN1661 (STA308 Half Bridge
Board - March 2003)
L11 22
µH
L12 22
µH
C51
1
µF
C71
100nF
C91
1
µF
C81
100nF
C31 820
µF
C21
2200
µF
C58
100nF
C58
100nF
R57
10K
R59
10K
R41
20
R61
5K
R62
5K
R51
6
C53
100nF
C60
100nF
C61
100nF
15
M3
IN1A
IN1A
IBIAS
CONFIG
PWRDN
PWRDN
FAULT
TRI-STATE
TH_WAR
TH_WAR
+3.3V
IN1B
VDD
VDD
VSS
VSS
VCCSIGN
VCCSIGN
GND-Reg
GND-Clean
IN2A
IN1B
IN2A
IN2B
PROTECTIONS
&
LOGIC
REGULATORS
29
23
24
25
27
26
28
30
21
22
33
34
35
36
M2
M5
M4
17
16
OUTPL
PGND1P
OUTPL
VCC1P
14
12
10
11
OUTNL
PGND1N
OUTNL
VCC1N
13
C52
1
µF
+VCC
C62
100nF
7
M17
M15
M16
M14
8
9
OUTPR
PGND2P
OUTPR
VCC2P
6
4
2
3
OUTNR
PGND2N
D03AU1474
OUTNR
VCC2N
5
19
31
20
GNDSUB
1
IN2B
32
C72
100nF
C92
1
µF
C82
100nF
R52
6
C41
330pF
R42
20
C42
330pF
C32 820
µF
L13 22
µH
L14 22
µH
C73
100nF
C93
1
µF
C83
100nF
C33 820
µF
R43
20
R53
6
C74
100nF
C94
1
µF
C84
100nF
R54
6
C43
330pF
R44
20
C44
330pF
C34 820
µF
R63
5K
R64
5K
R65
5K
R66
5K
R67
5K
R68
5K



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com