| Electronic Components Datasheet Search |
|
STA680Q Datasheet(PDF) 26 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STA680Q Datasheet(HTML) 26 Page - STMicroelectronics |
|
26 / 43 page ![]() Digital I/O and memory interfaces STA680 26/43 5.2 Tuner interface The STA680 provides two digital base-band interfaces, named BBI1 and BBI2, through which the demodulated IBOC signals can enter the HD Radio decoder. The base-band Tuner accepts the analog signal from the RF Tuner, samples it, performs down conversion and filtering, and sends the zero-IF signal across a base-band interface (BBI) to the STA680. Using two interfaces the STA680 is able to decode two channels at the same time, allowing the implementation of features such as the background scanning of HD Radio channels in search of traffic or weather information. The BBI consists of four-wires, 16 bit wide I and Q data and two clocks. MSB is always transmitted first. All signals are assumed to be zero-if. The native rate for FM is 744.1875 kS/s and for AM it is 46.51171875 kS/s. Sample rates of 650 kS/s, 675 kS/s, 882 kS/s and 912 kS/s are acceptable via the use of a sample rate converter. BBI2 is similar to BBI1 except BBI2 doesn’t have center filter so it is intended to be used for digital modulated signal only. For pin description refers to the Table 5. The data stream of the base-band interface varies depending on the mode selected. Split mode splits I and Q data onto the BB1_I and BB1_Q pins, respectively. The rising and falling edges of BB1_WS mark the beginning of each I and Q pair. Multiplexed mode places the I and Q data onto the BB1_I data pin. The falling edge of BB1_WS marks the start of the I data and the rising edge marks the start of Q data. AFE mode uses a single clock pulse on BB1_WS to indicate the start of I data followed by Q data using the BB1_I pin only. Figure 9 show signals waveform for the three modes. Table 6. Base-band interfaces pin list Pin name Designation Type Drive BB1_WS Secondary base band interface word strobe I - BB1_BCK Primary base-band interface bit clock I - BB1_I Primary base-band interface serial I data I - BB1_Q Primary base-band interface serial Q data I - BB2_WS Secondary base-band interface word strobe I - BB2_BCK Secondary base-band interface bit clock I - BB2_I Secondary base-band interface serial I data I - BB2_Q Secondary base-band interface serial Q data I - |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |