Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BJ7TCRE Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST72F321BJ7TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BJ7TCRE Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST72F321BJ7TCRE Datasheet HTML 85Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 86Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 87Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 88Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 89Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 90Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 91Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 92Page - STMicroelectronics ST72F321BJ7TCRE Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 247 page
background image
ST72321Bxxx-Auto
Main clock controller with real-time clock and beeper (MCC/RTC)
89/247
11.8
Main clock controller registers
11.8.1
MCC control/status register (MCCSR)
MCCSR
Reset value: 0000 0000 (00h)
7
654
32
10
MCO
CP[1:0]
SMS
TB[1:0]
OIE
OIF
RW
RW
RW
RW
RW
RW
Table 39.
MCCSR register description
Bit
Name
Function
7MCO
Main clock out selection
This bit enables the MCO alternate function on the PF0 I/O port. It is set and
cleared by software.
0: MCO alternate function disabled (I/O pin free for general-purpose I/O)
1: MCO alternate function enabled (fCPU on I/O port)
Note: To reduce power consumption, the MCO function is not active in Active Halt
mode.
6:5
CP[1:0]
CPU clock prescaler
These bits select the CPU clock prescaler which is applied in the different slow
modes. Their action is conditioned by the setting of the SMS bit. These two bits are
set and cleared by software.
00: fCPU in Slow mode = fOSC2/2
01: fCPU in Slow mode = fOSC2/4
10: fCPU in Slow mode = fOSC2/8
11: fCPU in Slow mode = fOSC2/16
4SMS
Slow mode select
This bit is set and cleared by software.
0: Normal mode. fCPU = fOSC2
1: Slow mode. fCPU is given by CP1, CP0
See Section 8.2: Slow mode on page 67 and Chapter 11: Main clock controller with
real-time clock and beeper (MCC/RTC) for more details.
3:2
TB[1:0]
Time base control
These bits select the programmable divider time base. They are set and cleared by
software (see Table 40).
A modification of the time base is taken into account at the end of the current period
(previously set) to avoid an unwanted time shift. This allows to use this time base
as a real-time clock.
1OIE
Oscillator interrupt enable
This bit set and cleared by software.
0: Oscillator interrupt disabled
1: Oscillator interrupt enabled
This interrupt can be used to exit from Active Halt mode.
When this bit is set, calling the ST7 software HALT instruction enters the Active Halt
power saving mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com