Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR6TCRE Datasheet(PDF) 97 Page - STMicroelectronics

Part # ST72F321BAR6TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR6TCRE Datasheet(HTML) 97 Page - STMicroelectronics

Back Button ST72F321BAR6TCRE Datasheet HTML 93Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 94Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 95Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 96Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 97Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 98Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 99Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 100Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 101Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 247 page
background image
ST72321Bxxx-Auto
PWM auto-reload timer (ART)
97/247
12.2.9
External interrupt capability
This mode allows the input capture capabilities to be used as external interrupt sources. The
interrupts are generated on the edge of the ARTICx signal.
The edge sensitivity of the external interrupts is programmable (CSx bit of ARTICCSR
register) and they are independently enabled through CIEx bits of the ARTICCSR register.
After fetching the interrupt vector, the CFx flags can be read to identify the interrupt source.
During Halt mode, the external interrupts can be used to wake up the micro (if the CIEx bit is
set).
Figure 40.
Input capture timing diagram
04h
COUNTER
t
01h
fCOUNTER
xxh
02h
03h
05h
06h
07h
04h
ARTICx PIN
CFx FLAG
ICRx REGISTER
INTERRUPT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com