Electronic Components Datasheet Search
  English  ▼

X  

ST72F321BAR6TCRE Datasheet(PDF) 102 Page - STMicroelectronics

Part # ST72F321BAR6TCRE
Description  8-bit MCU for automotive with 32 to 60 Kbyte Flash/ROM, ADC, 5 timers, SPI, SCI, I2C interface
PDF  247 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST72F321BAR6TCRE Datasheet(HTML) 102 Page - STMicroelectronics

Back Button ST72F321BAR6TCRE Datasheet HTML 98Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 99Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 100Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 101Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 102Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 103Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 104Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 105Page - STMicroelectronics ST72F321BAR6TCRE Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 247 page
background image
PWM auto-reload timer (ART)
ST72321Bxxx-Auto
102/247
12.3.7
Input capture registers (ARTICRx)
ARTICRx
Reset value: 0000 0000 (00h)
7
654
32
10
IC[7:0]
RO
Table 53.
ARTICRx register description
Bit
Name
Function
7:0
IC[7:0]
Input Capture Data
These read only bits are set and cleared by hardware. An ARTICRx register
contains the 8-bit auto-reload counter value transferred by the input capture
channel x event.
Table 54.
PWM auto-reload timer register map and reset values
Address (Hex.) Register label
7
6
5
4
3
2
1
0
0073h
PWMDCR3
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0074h
PWMDCR2
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0075h
PWMDCR1
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0076h
PWMDCR0
Reset value
DC7
0
DC6
0
DC5
0
DC4
0
DC3
0
DC2
0
DC1
0
DC0
0
0077h
PWMCR
Reset value
OE3
0
OE2
0
OE1
0
OE0
0
OP3
0
OP2
0
OP1
0
OP0
0
0078h
ARTCSR
Reset value
EXCL
0
CC2
0
CC1
0
CC0
0
TCE
0
FCRL
0
RIE
0
OVF
0
0079h
ARTCAR
Reset value
CA7
0
CA6
0
CA5
0
CA4
0
CA3
0
CA2
0
CA1
0
CA0
0
007Ah
ARTARR
Reset value
AR7
0
AR6
0
AR5
0
AR4
0
AR3
0
AR2
0
AR1
0
AR0
0
007Bh
ARTICCSR
Reset value
0
0
CS2
0
CS1
0
CIE2
0
CIE1
0
CF2
0
CF1
0
007Ch
ARTICR1
Reset value
IC7
0
IC6
0
IC5
0
IC4
0
IC3
0
IC2
0
IC1
0
IC0
0
007Dh
ARTICR2
Reset value
IC7
0
IC6
0
IC5
0
IC4
0
IC3
0
IC2
0
IC1
0
IC0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com