Electronic Components Datasheet Search
  English  ▼

X  

ZMDKVG48W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZMDKVG48W
Description  SOT-23 SURFACE MOUNT LED LAMP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZMDKVG48W Datasheet(HTML) 1 Page - SunLED Corporation

  ZMDKVG48W Datasheet HTML 1Page - SunLED Corporation ZMDKVG48W Datasheet HTML 2Page - SunLED Corporation ZMDKVG48W Datasheet HTML 3Page - SunLED Corporation ZMDKVG48W Datasheet HTML 4Page - SunLED Corporation ZMDKVG48W Datasheet HTML 5Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
www.SunLED.com
Published Date : FEB 28 , 2008
Drawing No : SDSA6436
V1
Checked : B.L.LIU
P.1/5
Part Number:
ZMDKVG48W
SOT-23 SURFACE MOUNT LED LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZMDKVG48W
Red
InGaAlP
Water Clear
70
148
650
Green
InGaAlP
18
59
574
140°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3. Specifications are subject to change without notice.
Features
SOT-23 PACKAGE SURFACE MOUNT LED LAMP.
LOW POWER CONSUMPTION.
LONG LIFE - SOLID STATE RELIABILITY.
PACKAGE: 2000PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 3.
RoHS COMPLIANT.
Absolute Maximum Ratings
(TA=25°C)
MDK
(InGaA
lP)
VG
(InGaAlP)
Unit
Reverse Voltage
VR
5
5
V
Forward Current
IF
30
30
mA
Forward Current (Peak)
1/10Duty Cycle
0.1ms Pulse Width
iFS
185
150
mA
Power Dissipation
PT
75
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
MDK
(InGaA
lP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.95
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
650
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
635
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
28
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
35
pF
Operating Characteristics
(TA=25°C)
VG
(InGaAlP)
2.1
2.5
10
574
570
20
15
PRELIMINARY SPEC


Similar Part No. - ZMDKVG48W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZMDKVG45W SUNLED-ZMDKVG45W Datasheet
238Kb / 5P
3.5x2.8mm PLCC4 SMD LED
ZMDKVG45W-9 SUNLED-ZMDKVG45W-9 Datasheet
218Kb / 5P
3.5x2.8mm SURFACE MOUNT LED LAMP
More results

Similar Description - ZMDKVG48W

ManufacturerPart #DatasheetDescription
logo
Gilway Technical Lamp
GHB-SOT23D-DR GILWAY-GHB-SOT23D-DR Datasheet
144Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23EC-F KINGBRIGHT-AM23EC-F Datasheet
280Kb / 5P
SOT-23 SURFACE MOUNT LED LAMP
logo
SunLED Corporation
ZUR48WA SUNLED-ZUR48WA Datasheet
186Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
ZMG48WA SUNLED-ZMG48WA Datasheet
187Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
ZUY48WA SUNLED-ZUY48WA Datasheet
189Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
ZVG48WA SUNLED-ZVG48WA Datasheet
189Kb / 4P
SOT-23 SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23CGCK-F KINGBRIGHT-AM23CGCK-F Datasheet
286Kb / 4P
SOT-23 Surface Mount LED Lamp
logo
HK TO-GRACE TECHNOLOGY ...
AM23SGC-F TO-GRACE-AM23SGC-F Datasheet
817Kb / 4P
SOT-23 Surface Mount LED Lamp
AM23SRD-F TO-GRACE-AM23SRD-F Datasheet
1Mb / 5P
SOT-23 SURFACE MOUNT LED LAMP
KM-23ESGC TO-GRACE-KM-23ESGC Datasheet
909Kb / 4P
SOT-23 Surface Mount LED Lamp
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com