Electronic Components Datasheet Search
  English  ▼

X  

FLI8638 Datasheet(PDF) 1 Page - STMicroelectronics

Part # FLI8638
Description  Single-chip advanced LCD TV controller
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

FLI8638 Datasheet(HTML) 1 Page - STMicroelectronics

  FLI8638 Datasheet HTML 1Page - STMicroelectronics FLI8638 Datasheet HTML 2Page - STMicroelectronics FLI8638 Datasheet HTML 3Page - STMicroelectronics FLI8638 Datasheet HTML 4Page - STMicroelectronics FLI8638 Datasheet HTML 5Page - STMicroelectronics FLI8638 Datasheet HTML 6Page - STMicroelectronics FLI8638 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
September 2008
Rev 1
1/7
7
FLI8638
Single-chip advanced LCD TV controller
Features
■ True 10-bit processing
■ Integrated 3D video decoder
■ Flexible digital and analog capture up to 165
MHz UXGA
■ Two triple ADCs
■ Video on graphics support
■ Next generation 10-bit Faroudja DCDi
Cinema® format conversion
■ VBI signal processing including WST version
1.5 support
■ Flexible DDR memory interface with 10-bit
video processing
■ Faroudja® TrueLife™ video enhancer
■ Advanced Color Management (ACM) and
Adaptive Contrast Control (ACC)
■ On-chip microprocessor
■ Advanced bitmapped OSD controller
■ LCD overdrive
■ Embedded 10-bit dual-channel LVDS for
1080p and WUXGA panel support
■ Package: 416 PBGA
Applications
■ LCD and PDP TV
■ DLP®, LCD, and LCOS front and rear
projection
■ Flagship multifunction LCD monitors
TTL
RGB or
YUV
Dual
Channel
LVDS
GPIO
-
6 channels
Output
Formatter
10 bit
LVDS Tx
OSD
Controller
VBI Data
Proc
10 bit
Analog
Front
End
Digital
Input
Port
Embedded
Micro
processor
IR I/
F
LBWADC
General
Purpose
I/O
YC1
YC2
External Memory
Control Interface
YPrPb/
RGB 1
YPrPb/
RGB 2
2x24-bit or
1x30+1x16 bit
input
Audio
Delay
I2S
in
I2S
out
CV1
CV2
CV3
10 bit
Memory
Controller
YPrPb and
RBG Capture
DCDi Format
Conversion
for PIP
TTX
Decode
VBI Data
Proc
3D Video
Decoder and
Triple ADC
www.st.com


Similar Part No. - FLI8638

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
FLI8668 STMICROELECTRONICS-FLI8668 Datasheet
133Kb / 7P
Single-chip dual-channel LCD TV controller
10-Sep-2008
FLI8668-LF-BC STMICROELECTRONICS-FLI8668-LF-BC Datasheet
133Kb / 7P
Single-chip dual-channel LCD TV controller
10-Sep-2008
More results

Similar Description - FLI8638

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB87P2020 FUJITSU-MB87P2020 Datasheet
3Mb / 356P
Colour LCD/CRT/TV Controller
logo
List of Unclassifed Man...
MTL013 ETC1-MTL013 Datasheet
39Kb / 2P
Single-Chip SXGA LCD Controller
FLI8532 ETC-FLI8532 Datasheet
84Kb / 2P
Single-Chip LCD TV Controller
FLI8538 ETC-FLI8538 Datasheet
317Kb / 2P
Single-Chip Enhanced LCD TV Controller
FLI8548H ETC-FLI8548H Datasheet
257Kb / 2P
Single-Chip Enhanced LCD TV Controller
logo
STMicroelectronics
FLI8531 STMICROELECTRONICS-FLI8531 Datasheet
115Kb / 7P
Entry level LCD TV controller
25-Aug-2008
FLI8548H STMICROELECTRONICS-FLI8548H Datasheet
122Kb / 7P
Single-chip enhanced LCD TV controller with HDMI
18-Sep-2008
FLI8668 STMICROELECTRONICS-FLI8668 Datasheet
133Kb / 7P
Single-chip dual-channel LCD TV controller
10-Sep-2008
FLI30336-AC STMICROELECTRONICS-FLI30336-AC Datasheet
125Kb / 7P
Single-chip enhanced LCD TV controller
03-Nov-2008
logo
Texas Instruments
FPD80200 TI1-FPD80200_13 Datasheet
48Kb / 4P
LCD TV TFT-LCD Timing Controller
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com