Electronic Components Datasheet Search
  English  ▼

X  

L2293Q Datasheet(PDF) 8 Page - STMicroelectronics

Part # L2293Q
Description  Push-pull four channel driver with diodes
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L2293Q Datasheet(HTML) 8 Page - STMicroelectronics

Back Button L2293Q Datasheet HTML 4Page - STMicroelectronics L2293Q Datasheet HTML 5Page - STMicroelectronics L2293Q Datasheet HTML 6Page - STMicroelectronics L2293Q Datasheet HTML 7Page - STMicroelectronics L2293Q Datasheet HTML 8Page - STMicroelectronics L2293Q Datasheet HTML 9Page - STMicroelectronics L2293Q Datasheet HTML 10Page - STMicroelectronics L2293Q Datasheet HTML 11Page - STMicroelectronics L2293Q Datasheet HTML 12Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Package mechanical data
L2293Q
8/12
4
Package mechanical data
In order to meet environmental requirements, ST offers these devices in ECOPACK®
packages. These packages have a lead-free second level interconnect. The category of
second level interconnect is marked on the package and on the inner box label, in
compliance with JEDEC standard JESD97. The maximum ratings related to soldering
conditions are also marked on the inner box label. ECOPACK is an ST trademark.
ECOPACK specifications are available at: www.st.com
Note:
1
VFQFPN stands for thermally enhanced very thin profile fine pitch Quad Flat Package No
lead. Very thin profile: 0.80 < A
≤ 1.00 mm.
2
Details of terminal 1 are optional but must be located on the top surface of the package by
using either a mold or marked features.
Table 8.
VFQFPN 5x5x1.0 32L pitch 0.50
Dim.
Databook (mm)
Min
Typ
Max
A
0.80
0.85
0.95
b
0.18
0.25
0.30
b1
0.165
0.175
0.185
D
4.85
5.00
5.15
D2
3.00
3.10
3.20
D3
1.10
1.20
1.30
E
4.85
5.00
5.15
E2
4.20
4.30
4.40
E3
0.60
0.70
0.80
e0.50
L
0.30
0.40
0.50
ddd
0.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com