Electronic Components Datasheet Search
  English  ▼

X  

L6219DSA Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6219DSA
Description  Stepper motor driver for automotive range
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6219DSA Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6219DSA Datasheet HTML 2Page - STMicroelectronics L6219DSA Datasheet HTML 3Page - STMicroelectronics L6219DSA Datasheet HTML 4Page - STMicroelectronics L6219DSA Datasheet HTML 5Page - STMicroelectronics L6219DSA Datasheet HTML 6Page - STMicroelectronics L6219DSA Datasheet HTML 7Page - STMicroelectronics L6219DSA Datasheet HTML 8Page - STMicroelectronics L6219DSA Datasheet HTML 9Page - STMicroelectronics L6219DSA Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
Block diagram
L6219DSA
6/15
Figure 2.
SO24 pins connection (top view)
Table 3.
Pin functions
Pin #
Name
Description
1, 21
Output of bridge 1
See pins 2, 5
3, 23
Sense resistor
Connection to lower emitters of output stage for insertion of
current sense resistor
4, 22
Comparator input
Input connected to the comparators. The voltage across the
sense resistor is feedback to this input throught the low pass
filter RC CC. The higher power transistors are disabled
when the sense voltage exceeds the reference voltage of
the selected comparator. When this occurs the current
decays for a time set by RT C
T (t
off = 1.1 RT CT). See
Figure 3.
2, 5
Output of bridge 2
Output Connection. The output stage is a "H" bridge formed
by four transistors and four diodes suitable for switching
applications
6, 7, 18, 19
Ground
Ground connection, they also conducts heat from die to
printed circuit copper
8, 20
Input 0
See Input 1 (pins 9, 17)
9, 17
Input 1
These pins and pins 8, 20 (input 0) are logic inputs which
select the outputs of the comparators to set the current
level. Current also depends on the sensing resistor and
reference voltage. See functional description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com