Electronic Components Datasheet Search
  English  ▼

X  

SDSA6429 Datasheet(PDF) 1 Page - SunLED Corporation

Part # SDSA6429
Description  4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

SDSA6429 Datasheet(HTML) 1 Page - SunLED Corporation

  SDSA6429 Datasheet HTML 1Page - SunLED Corporation SDSA6429 Datasheet HTML 2Page - SunLED Corporation SDSA6429 Datasheet HTML 3Page - SunLED Corporation SDSA6429 Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
Published Date : FEB 27,2008
Drawing No : SDSA6429
V1
Checked : B.L.LIU
P.1/4
Part Number:
ZSG91W
4.0x3.0mm RIGHT ANGLE SMD CHIP LED
LAMP
Part
Number
Emitting
Color
Emitting
Material
Lens-color
Luminous
Intensity
(IF=20mA)
mcd
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZSG91W
Green
InGaAlP
Water Clear
50
98
574
90°
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.2(0.008") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
4.0mmx3.0mm RIGHT ANGLE SMT LED, 2.65mm
THICKNESS.
LOW POWER CONSUMPTION.
WIDE VIEWING ANGLE.
IDEAL FOR BACKLIGHT AND INDICATOR.
PACKAGE :500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
PRELIMINARY SPEC
Absolute Maximum Ratings
(TA=25°C)
SG
(InGaAlP)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
30
mA
Forward Current (Peak)
1/10 Duty Cycle
0.1ms Pulse Width
iFS
150
mA
Power Dissipation
PT
75
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
SG
(InGaAlP)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
2.1
V
Forward Voltage (Max.)
(IF=20mA)
VF
2.5
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
574
nm
Wavelength of Dominant
Emission (Typ.)
(IF=20mA)
λ D
568
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
26
nm
Capacitance
(VF=0V, f=1MHz)
C
20
pF
Operating Characteristics
(TA=25°C)


Similar Part No. - SDSA6429

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDSA1175 ETC2-SDSA1175 Datasheet
520Kb / 2P
Square D Type 1 Surge Protective Devices
logo
Schneider Electric
SDSA1175FE SCHNEIDER-SDSA1175FE Datasheet
75Kb / 3P
Surge Protect - 36kA - 120/240VAC - 1P3W - T4X - 10xPack
SDSA1175T SCHNEIDER-SDSA1175T Datasheet
90Kb / 3P
Surge Protect - 36kA - 120VAC - 1P3W - 25 kA - T1
SDSA2040 SCHNEIDER-SDSA2040 Datasheet
123Kb / 3P
Surge Protect - 40kA - 208Y/120VAC - 3P4W - T4X
SDSA2040D SCHNEIDER-SDSA2040D Datasheet
92Kb / 3P
Surge Protect - 40kA - 240VAC delta - 3P3W - T4X
More results

Similar Description - SDSA6429

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APEKA4030MGC KINGBRIGHT-APEKA4030MGC Datasheet
150Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030PBC KINGBRIGHT-APEKA4030PBC Datasheet
168Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030SEC KINGBRIGHT-APEKA4030SEC Datasheet
147Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030SURC KINGBRIGHT-APEKA4030SURC Datasheet
147Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030SYC KINGBRIGHT-APEKA4030SYC Datasheet
148Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030TGC KINGBRIGHT-APEKA4030TGC Datasheet
150Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APHH1005RWF-A KINGBRIGHT-APHH1005RWF-A Datasheet
346Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
APEKA4030PBC-A-F01 KINGBRIGHT-APEKA4030PBC-A-F01 Datasheet
164Kb / 5P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
logo
SunLED Corporation
ZM2BB91W SUNLED-ZM2BB91W Datasheet
192Kb / 4P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
ZM2BG91W SUNLED-ZM2BG91W Datasheet
192Kb / 4P
4.0x3.0mm RIGHT ANGLE SMD CHIP LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com