Electronic Components Datasheet Search
  English  ▼

X  

ZTHI45W Datasheet(PDF) 1 Page - SunLED Corporation

Part # ZTHI45W
Description  3.5x2.8 mm INFRARED EMITTING DIODE
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNLED [SunLED Corporation]
Direct Link  http://www.sunled.com
Logo SUNLED - SunLED Corporation

ZTHI45W Datasheet(HTML) 1 Page - SunLED Corporation

  ZTHI45W Datasheet HTML 1Page - SunLED Corporation ZTHI45W Datasheet HTML 2Page - SunLED Corporation ZTHI45W Datasheet HTML 3Page - SunLED Corporation ZTHI45W Datasheet HTML 4Page - SunLED Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.SunLED.com
3.5x2.8 mm INFRARED EMITTING DIODE
Part Number:
ZTHI45W
Published Date : FEB 28,2008
Drawing No : SDSA3656
V5
Checked : B.L.LIU
P. 1/4
Part
Number
Emitting
Material
Lens-color
Luminous
Intensity
(Po=Mw/sr)
@20mA *50mA
Wavelength
nm
λ P
Viewing
Angle
2
θ 1/2
min.
typ.
ZTHI45W
GaAlAs
Water Clear
0.4
2.8
880
*4
*7
120
°
Absolute Maximum Ratings
(TA=25°C)
THI
(GaAlAs)
Unit
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Forward Current (Peak)
1/100 Duty Cycle
10us Pulse Width
iFS
1.2
A
Power Dissipation
PT
80
mW
Operating Temperature
TA
-40 ~ +85
°C
Storage Temperature
Tstg
-40 ~ +85
Operating Characteristics
(TA=25°C)
THI
(GaAlAs)
Unit
Forward Voltage (Typ.)
(IF=20mA)
VF
1.3
V
Forward Voltage (Max.)
(IF=20mA)
VF
1.6
V
Reverse Current (Max.)
(VR=5V)
IR
10
uA
Wavelength of Peak
Emission (Typ.)
(IF=20mA)
λ P
880
nm
Spectral Line Full Width
At Half-Maximum (Typ.)
(IF=20mA)
Δλ
50
nm
Capacitance (Typ.)
(VF=0V, f=1MHz)
C
90
pF
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ± 0.25(0.01") unless otherwise noted.
3.Specifications are subject to change without notice.
Features
MECHANICALLY AND SPECTRALLY MATCHED
TO THE PHOTOTRANSISTOR.
WATER CLEAR LENS.
PACKAGE : 1500PCS / REEL.
MOISTURE SENSITIVITY LEVEL : LEVEL 4.
RoHS COMPLIANT.
PRELIMINARY SPEC


Similar Part No. - ZTHI45W

ManufacturerPart #DatasheetDescription
logo
SunLED Corporation
ZTHI53W SUNLED-ZTHI53W Datasheet
195Kb / 4P
1.6x0.8mm INFRARED EMITTING DIODE
ZTHI54W SUNLED-ZTHI54W Datasheet
195Kb / 4P
2.0x1.25mm INFRARED EMITTING DIODE
ZTHI55W-3 SUNLED-ZTHI55W-3 Datasheet
195Kb / 4P
3.2x1.6mm INFRARED EMITTING DIODE
ZTHI56W-1 SUNLED-ZTHI56W-1 Datasheet
187Kb / 4P
3.0x1.0mm INFRARED EMITTING DIODE
More results

Similar Description - ZTHI45W

ManufacturerPart #DatasheetDescription
logo
Kingbright Corporation
APT2012F3C KINGBRIGHT-APT2012F3C Datasheet
268Kb / 5P
2.0x1.25 mm INFRARED EMITTING DIODE
APT2012SF4C KINGBRIGHT-APT2012SF4C Datasheet
283Kb / 5P
2.0x1.25 mm INFRARED EMITTING DIODE
AA3528AF3C KINGBRIGHT-AA3528AF3C Datasheet
292Kb / 5P
3.5x2.8 mm INFRARED EMITTING DIODE
AA3528ASF4C KINGBRIGHT-AA3528ASF4C Datasheet
292Kb / 5P
3.5x2.8 mm INFRARED EMITTING DIODE
APT1608SF4C-P22 KINGBRIGHT-APT1608SF4C-P22 Datasheet
634Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
logo
HK TO-GRACE TECHNOLOGY ...
APT1608F3C-P22 TO-GRACE-APT1608F3C-P22 Datasheet
1,005Kb / 4P
1.6 x 0.8 mm Infrared Emitting Diode
APT2012SF4C-PRV TO-GRACE-APT2012SF4C-PRV Datasheet
1Mb / 5P
2.0x1.25 mm INFRARED EMITTING DIODE
AP2012SF4C-P22 TO-GRACE-AP2012SF4C-P22 Datasheet
1Mb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD2012F3C TO-GRACE-APTD2012F3C Datasheet
879Kb / 4P
2.0 x 1.25 mm Infrared Emitting Diode
APTD3216F3C-P22 TO-GRACE-APTD3216F3C-P22 Datasheet
1,000Kb / 4P
3.2 x 1.6 mm Infrared Emitting Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com