| Electronic Components Datasheet Search |
|
LX128VCFN10032 Datasheet(PDF) 17 Page - Lattice Semiconductor |
|
|
|||||||||||||||||||||||||||||
LX128VCFN10032 Datasheet(HTML) 17 Page - Lattice Semiconductor |
|
17 / 72 page ![]() Lattice Semiconductor ispGDX2 Family Data Sheet 17 High Speed Serial Interface Block (sysHSI Block) 1 The High Speed Serial Interface (sysHSI) allows high speed serial data transfer over a pair of LVDS I/O. The ispGDX2 devices have multiple sysHSI Blocks. Each sysHSI Block has two SERDES blocks which contain two main sub-blocks, Transmitter (with a serializer) and Receiver (with a deserializer) including Clock/Data Recovery Circuit (CDR). Each SERDES can be used as a full duplex channel. The two SERDES in a given sysHSI Block share a common clock and must operate at the same nominal frequency. Figure 14 shows the sysHSI Block. Device features support two data coding modes: 10B/12B and 8B/10B (for use with other encoding schemes, see Lattice’s sysHSI application notes). The encoding and decoding of the 10B/12B standard are performed within the device in dedicated logic. For the 8B/10B standard, the symbol boundaries are aligned internally but the encoding and decoding are performed outside the device. Each SERDES block receives a single high speed serial data input stream (with embedded clock) from an input, and provide a low speed 10-bit wide data stream and a recovered clock to the device. For transmitting, the SER- DES converts a 10-bit wide low-speed data stream to a single high-speed data stream with embedded clock for output. Additionally, multiple sysHSI Blocks can be grouped together to form a source synchronous interface of between 1- 8 channels. Figure 15 shows the connections of the SERDES block with the FIFO, sysIO block and the MRB. Table 6 provides the descriptions of the SERDES. For more information on the SERDES/CDR, refer to Lattice technical note number TN1020, sysHSI Usage Guide- lines. Table 6. SERDES Signal Descriptions 1. “E-Series” does not support sysHSI. Signal I/O Description CDRRSTb I Resets the CDR circuit of sysHSI block SYDT O Symbol alignment detect for sysHSI block CAL I Initiates source synchronous calibration sequence RXD Internal Parallel data in for sysHSI block TXD Internal Parallel data out for sysHSI block REFCLK Internal Reference clock received from the clock tree SIN I Serial data input for sysHSI block (LVDS input) SOUT O Serial data output for sysHSI block (LVDS output) SS_CLKIN I Clock input for source synchronous group SS_CLKOUT O Clock output for source synchronous group RECCLK Internal Recovered clock from encoded data by CDR of sysHSI block CSLOCK Internal Lock output of the PLL associated with sysHSI block |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |