Electronic Components Datasheet Search
  English  ▼

X  

HMC616LP3 Datasheet(PDF) 7 Page - Hittite Microwave Corporation

Part # HMC616LP3
Description  GaAs SMT PHEMT LOW NOISE AMPLIFIER, 175 - 660 MHz
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC616LP3 Datasheet(HTML) 7 Page - Hittite Microwave Corporation

Back Button HMC616LP3 Datasheet HTML 2Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 3Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 4Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 5Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 6Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 7Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 8Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 9Page - Hittite Microwave Corporation HMC616LP3 Datasheet HTML 10Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
5
5 - 242
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Drain Bias Voltage (Vdd)
+6 Vdc
RF Input Power (RFIN)
(Vdd = +5 Vdc)
+10 dBm
Channel Temperature
150 °C
Continuous Pdiss (T= 85 °C)
(derate 8.93 mW/°C above 85 °C)
0.58 W
Thermal Resistance
(channel to ground paddle)
112 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
Vdd (Vdc)
Idd (mA)
2.7
20
3.0
30
3.3
40
4.5
80
5.0
90
5.5
100
Note: Amplifier will operate over full voltage range shown above.
Typical Supply
Current vs. Vdd (Rbias = 3.92kΩ)
Vdd (V)
Rbias (Ω)
Idd (mA)
Min
Max
Recommended
3V
1K [1]
Open Circuit
2.7k
27
3.92k
31
4.7k
33
10k
39
5V
0
Open Circuit
820
73
2k
84
3.92k
91
10k
95
[1] With Vdd= 3V, Rbias < 1K Ohm is not recommeded and may result in the LNA becoming conditionally stable.
Absolute Bias Resistor
Range & Recommended Bias Resistor Values for Idd
HMC616LP3 / 616LP3E
v00.0508
GaAs SMT PHEMT LOW NOISE
AMPLIFIER, 175 - 660 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com