Electronic Components Datasheet Search
  English  ▼

X  

JMS-2 Datasheet(PDF) 1 Page - Mini-Circuits

Part # JMS-2
Description  Surface Mount Frequency Mixer Level 7 (LO Power 7 dBm) 20 to 1000 MHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

JMS-2 Datasheet(HTML) 1 Page - Mini-Circuits

  JMS-2 Datasheet HTML 1Page - Mini-Circuits JMS-2 Datasheet HTML 2Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ISO 9001 ISO 14001 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 For detailed performance specs & shopping online see Mini-Circuits web site
The Design Engineers Search Engine Provides ACTUAL Data Instantly From MINI-CIRCUITS At: www.minicircuits.com
RF/IF MICROWAVE COMPONENTS
minicircuits.com
ALL NE
W
Page 1 of 2
Level 7 (LO Power +7 dBm) 20 to 1000 MHz
Frequency Mixer
Surface Mount
CASE STYLE: BH292
PRICE: $7.45 ea. QTY (1-9)
Demo Board MCL P/N: TB-03
Suggested PCB Layout (PL-052)
Outline Dimensions (
)
inch
mm
Maximum Ratings
Pin Connections
LO
6
RF
3
IF
2
GROUND
1,4,5
Outline Drawing
Electrical Specifications
REV. B
M102713
JMS-2
ED-3369/2
DJ/CP/AM
061228
1 dB COMP.: +1 dBm typ.
Phase detection, positive polarity
FREQUENCY
(MHz)
CONVERSION LOSS
(dB)
LO-RF ISOLATION
(dB)
LO-IF ISOLATION
(dB)
IP3
at center
band
(dBm)
LO/RF
IF
Mid-Band
m
Total
Range
Max.
L
M
U
L
M
U
f
L-fU
—
X
σ
Max.
Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min. Typ. Min.
Typ.
20-1000
DC-1000
7.0
.15
8.4
9.5
63
40
50
28
35
20
56
30
47
22
37
20
17
A
B
C
D
E
F
G
.280
.310
--
.100
.225
.055
.100
7.11
7.87
--
2.54
5.72
1.40
2.54
H
J
K
L
wt
.047
.065
.065
.300
grams
1.19
1.65
1.65
7.62
0.45
Frequency
(MHz)
Conversion
Loss
(dB)
Isolation
L-R
(dB)
Isolation
L-I
(dB)
VSWR
RF Port
(:1)
VSWR
LO Port
(:1)
RF
LO
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
LO
+7dBm
Typical Performance Data
Electrical Schematic
+ RoHS compliant in accordance
with EU Directive (2002/95/EC)
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications.
JMS-2
JMS-2+
L = low range [f
L to 10 fL]
M = mid range [10 f
L to fU/2]
U = upper range [f
U/2 to fU]
m= mid band [2f
L to fU/2]
Features
• excellent L-R isolation, up to 63 dB typ.
• miniature surface mount
• J-leads for strain relief and excellent solderability
Applications
• up & down converters for receivers & transmitters
• VHF/UHF
• cellular/ISM/GSM
Operating Temperature
-40°C to 85°C
Storage Temperature
-55°C to 100°C
RF Power
50mW
IF Current
40mA
5.00
35.00
6.93
67.42
57.23
1.35
2.44
10.00
40.00
7.00
66.49
56.87
1.25
2.37
20.00
50.00
6.97
65.94
56.78
1.22
2.52
35.15
65.15
6.92
62.92
55.59
1.22
2.57
50.00
80.00
6.86
60.51
53.87
1.23
2.54
65.30
95.30
6.89
58.52
52.15
1.23
2.49
100.00
70.00
6.84
55.07
48.85
1.22
2.44
155.76
125.76
6.72
52.10
46.19
1.22
2.43
200.00
170.00
6.70
49.75
44.71
1.23
2.36
246.21
216.21
6.75
48.10
43.71
1.23
2.37
306.52
276.52
6.96
45.81
41.99
1.25
2.40
366.82
336.82
6.97
44.49
39.66
1.27
2.39
427.12
397.12
6.99
42.09
37.81
1.30
2.44
500.00
470.00
7.03
39.89
35.06
1.36
2.58
577.88
547.88
7.29
38.51
32.59
1.44
2.74
668.33
638.33
7.63
36.87
29.46
1.56
2.95
758.79
728.79
7.68
34.71
26.72
1.72
3.17
849.24
819.24
7.98
33.07
23.71
1.95
3.58
909.54
879.54
8.51
32.47
22.35
2.13
3.70
1000.00
970.00
8.90
32.02
20.21
2.45
3.80
PCB Land Pattern
Suggested Layout,
Tolerance to be within
±.002


Similar Part No. - JMS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
JMS-2H MINI-JMS-2H Datasheet
401Kb / 2P
Frequency Mixer
JMS-2H+ MINI-JMS-2H+ Datasheet
401Kb / 2P
Frequency Mixer
JMS-2LH MINI-JMS-2LH Datasheet
399Kb / 2P
Frequency Mixer
JMS-2LH+ MINI-JMS-2LH+ Datasheet
399Kb / 2P
Frequency Mixer
JMS-2MH MINI-JMS-2MH Datasheet
396Kb / 2P
Frequency Mixer
More results

Similar Description - JMS-2

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZLW-11 MINI-ZLW-11 Datasheet
151Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 2000 MHz
SCM-2+ MINI-SCM-2+ Datasheet
196Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 5 to 1000 MHz
ADE-18W MINI-ADE-18W Datasheet
251Kb / 2P
Level 7 (LO Power 7 dBm) 1750 to 3500 MHz Frequency Mixer
ZX05-30W MINI-ZX05-30W Datasheet
178Kb / 2P
Frequency Mixer Level 7 (LO Power 7 dBm) 300 to 4000
ADE-R6 MINI-ADE-R6 Datasheet
227Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 0.15 to 250 MHz
ADE-R11X MINI-ADE-R11X Datasheet
170Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 10 to 2000 MHz
ADE-R901 MINI-ADE-R901 Datasheet
230Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 300 to 1000 MHz
CY7C1520KV18 MINI-CY7C1520KV18 Datasheet
261Kb / 2P
Frequency Mixer wide band Level 7 (LO Power 7 dBm) 3700 to 10000 MHz
TUF-R2SM MINI-TUF-R2SM Datasheet
254Kb / 2P
High Reliability Mixer Level 7 (LO Power 7 dBm) 50 to 1000 MHz
TUF-R5SM MINI-TUF-R5SM Datasheet
258Kb / 1P
High Reliability Mixer Level 7 (LO Power 7 dBm) 20 to 1500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com