Electronic Components Datasheet Search
  English  ▼

X  

LX256VCFN20832 Datasheet(PDF) 61 Page - Lattice Semiconductor

Part # LX256VCFN20832
Description  High Performance Interfacing and Switching
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor

LX256VCFN20832 Datasheet(HTML) 61 Page - Lattice Semiconductor

Back Button LX256VCFN20832 Datasheet HTML 57Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 58Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 59Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 60Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 61Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 62Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 63Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 64Page - Lattice Semiconductor LX256VCFN20832 Datasheet HTML 65Page - Lattice Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 72 page
background image
Lattice Semiconductor
ispGDX2 Family Data Sheet
61
BK1_IO5
1
18N
0B
5
HSI0B_SINN
HSI0B_RXD3/TXD3
FIFO0B_DIN3/DOUT3
P17
BK1_IO6
1
19P
0B
6
HSI0_CSLOCK
HSI0B_RXD4/TXD4
FIFO0B_DIN4/DOUT4
U18
BK1_IO7
1
19N
0B
7
-
HSI0B_RXD5/TXD5
FIFO0B_DIN5/DOUT5
V19
BK1_IO8
1
20P
0B
8
-
HSI0B_RXD6/TXD6
FIFO0B_DIN6/DOUT6
V20
BK1_IO9
1
20N
0B
9
HSI0B_SYDT
5
HSI0B_RXD7/TXD7
FIFO0B_DIN7/DOUT7
V21
BK1_IO10/
VREF1
1
21P
0B
10
HSI0B_SOUTP
HSI0B_RXD8/TXD8
FIFO0B_DIN8/DOUT8
R16
BK1_IO11
1
21N
0B
11
HSI0B_SOUTN
HSI0B_RXD9/TXD9
FIFO0B_DIN9/DOUT9
R17
GND
1
-
-
-
-
-
-
GND
BK1_IO12
1
22P
0B
12
HSI0B_CDRRSTb
HSI0B_RECCLK
FIFO0B_FIFORSTb
U19
BK1_IO13
1
22N
0B
13
FIFO0B_STRDb
6
-
-
T19
BK1_IO14
1
23P
0B
14
-
-
-
U21
BK1_IO15
1
23N
0B
15
-
-
FIFO0B_EMPTY
U22
BK1_IO16
1
24P
1B
0
-
HSI1B_SYDT
5
FIFO1B_FULL
R19
BK1_IO17
1
24N
1B
1
-
HSI1B_RXD0/TXD0
FIFO1B_DIN0/DOUT0
T20
BK1_IO18
1
25P
1B
2
Note 4
HSI1B_RXD1/TXD1
FIFO1B_DIN1/DOUT1
T21
BK1_IO19
1
25N
1B
3
-
HSI1B_RXD2/TXD2
FIFO1B_DIN2/DOUT2
T22
GND
1
-
-
-
-
-
-
GND
BK1_IO20
1
26P
1B
4
HSI1B_SOUTP
HSI1B_RXD3/TXD3
FIFO1B_DIN3/DOUT3
N16
BK1_IO21
1
26N
1B
5
HSI1B_SOUTN
HSI1B_RXD4/TXD4
FIFO1B_DIN4/DOUT4
N17
BK1_IO22
1
27P
1B
6
HSI1_CSLOCK
HSI1B_RXD5/TXD5
FIFO1B_DIN5/DOUT5
R20
BK1_IO23
1
27N
1B
7
HSI1B_SYDT
5
HSI1B_RXD6/TXD6
FIFO1B_DIN6/DOUT6
R21
BK1_IO24
1
28P
1B
8
-
HSI1B_RXD7/TXD7
FIFO1B_DIN7/DOUT7
N19
BK1_IO25
1
28N
1B
9
-
HSI1B_RXD8/TXD8
FIFO1B_DIN8/DOUT8
P20
BK1_IO26
1
29P
1B
10
HSI1B_SINP
HSI1B_RXD9/TXD9
FIFO1B_DIN9/DOUT9
P18
BK1_IO27
1
29N
1B
11
HSI1B_SINN
HSI1B_RECCLK
-
N18
GND
1
-
-
-
-
-
GND
BK1_IO28
1
30P
1B
12
FIFO1B_STRDb
6
-
-
R22
BK1_IO29
1
30N
1B
13
HSI1B_CDRRSTb
-
FIFO1B_FIFORSTb
P22
BK1_IO30
1
31P
1B
14
SS_CLKIN1P
-
-
M18
BK1_IO31/
CLK_OUT2
1
31N
1B
15
SS_CLKIN1N
-
FIFO1B_EMPTY
M17
GCLK/CE2
-
CLK2P
-
-
-
-
-
N20
SEL2
-
-
-
-
-
-
-
N21
SEL3
-
-
-
-
-
-
-
K21
GCLK/CE3
-
CLK2N
-
-
-
-
-
K20
BK2_IO0/
CLK_OUT3
2
32N
3A
7
0
SS_CLKOUT1N
-
FIFO3A_FULL
K17
BK2_IO1
2
32P
3A
7
1
SS_CLKOUT1P
-
-
K18
BK2_IO2
2
33N
3A
7
2
-
HSI3A_SYDT
5
-
L17
BK2_IO3
2
33P
3A
7
3
-
HSI3A_RXD0/TXD0
FIFO3A_DIN0/DOUT0
L18
GND
2
-
-
-
-
-
GND
BK2_IO4
2
34N
3A
7
4
HSI3A_SINN
HSI3A_RXD1/TXD1
FIFO3A_DIN1/DOUT1
J17
BK2_IO5
2
34P
3A
7
5
HSI3A_SINP
HSI3A_RXD2/TXD2
FIFO3A_DIN2/DOUT2
J18
BK2_IO6
2
35N
3A
7
6
HSI3_CSLOCK
HSI3A_RXD3/TXD3
FIFO3A_DIN3/DOUT3
J22
BK2_IO7
2
35P
3A
7
7
Note 4
HSI3A_RXD4/TXD4
FIFO3A_DIN4/DOUT4
J20
BK2_IO8
2
36N
3A
7
8
CAL
HSI3A_RXD5/TXD5
FIFO3A_DIN5/DOUT5
H22
BK2_IO9
2
36P
3A
7
9
-
HSI3A_RXD6/TXD6
FIFO3A_DIN6/DOUT6
H21
ispGDX2-256 Logic Signal Connections (Continued)
Signal
Name
sysIO
Bank
LVDS
Pair/Polarity
GDX
Block MRB
SERDES Mode
I/O Pin
1
SERDES Mode
I/O Cell
2
FIFO Mode I/O
Cell/Pin
3
484
fpBGA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com