Electronic Components Datasheet Search
  English  ▼

X  

ST7F10BF0M3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST7F10BF0M3
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, 5 TIMERS, SPI
PDF  159 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7F10BF0M3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST7F10BF0M3 Datasheet HTML 4Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 5Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 6Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 7Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 8Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 9Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 10Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 11Page - STMicroelectronics ST7F10BF0M3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 159 page
background image
ST7LITE1xB
8/159
Notes:
1. It is mandatory to connect all available VDD and VDDA pins to the supply voltage and all VSS and VSSA
pins to ground.
2. When the pin is configured as analog input, positive and negative current injections are not allowed.
3. PCOR not implemented but p-transistor always active in output mode (refer to Figure 32 on page 50).
12
10
10
PA6 /MCO/
ICCCLK/BREAK
I/O
CT
X
ei1
XX
Port A6
Main Clock Output or In Circuit
Communication Clock or External
BREAK
Caution: During normal operation
this pin must be pulled- up, inter-
nally or externally (external pull-up
of 10k mandatory in noisy environ-
ment). This is to avoid entering ICC
mode unexpectedly during a reset.
In the application, even if the pin is
configured as output, any reset will
put it back in input pull-up
13
11
11
PA5 /ICCDATA/
ATPWM3
I/O CT HS X
ei1
XX
Port A5
In Circuit Communication Data or
Auto-Reload Timer PWM3
14
12
12 PA4/ATPWM2
I/O CT HS X
XX
Port A4
Auto-Reload Timer PWM2
15
13
-
PA3/ATPWM1
I/O CT HS X
ei0
XX
Port A3
Auto-Reload Timer PWM1
16
14
13 PA2/ATPWM0
I/O CT HS X
XX
Port A2
Auto-Reload Timer PWM0
17
15
-
PA1/ATIC
I/O CT HS X
XX
Port A1
Auto-Reload Timer Input Capture
18
16
14 PA0/LTIC
I/O CT HS X
XX
Port A0
Lite Timer Input Capture
19
17
15 OSC2/PC1
I/O
X
X
Port C13)
Resonator oscillator inverter out-
put
20
18
16 OSC1/CLKIN/PC0 I/O
X
X
Port C03)
Resonator oscillator inverter input
or External clock input
Pin No.
Pin Name
Level
Port / Control
Main
Function
(after
reset)
Alternate Function
Input
Output
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com