Electronic Components Datasheet Search
  English  ▼

X  

STV6412BDT Datasheet(PDF) 6 Page - STMicroelectronics

Part # STV6412BDT
Description  Audio/video switch matrix
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV6412BDT Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STV6412BDT Datasheet HTML 2Page - STMicroelectronics STV6412BDT Datasheet HTML 3Page - STMicroelectronics STV6412BDT Datasheet HTML 4Page - STMicroelectronics STV6412BDT Datasheet HTML 5Page - STMicroelectronics STV6412BDT Datasheet HTML 6Page - STMicroelectronics STV6412BDT Datasheet HTML 7Page - STMicroelectronics STV6412BDT Datasheet HTML 8Page - STMicroelectronics STV6412BDT Datasheet HTML 9Page - STMicroelectronics STV6412BDT Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
General information
STV6412B
6/32
Figure 2.
Power supply configuration
63
VCC12
+12 V supply
64
BIN_VCR
Blue input from VCR SCART
Table 1.
I/O pin description (continued)
Pin No.
Symbol
Description
9 volt output
CCA (24)
VCCAO (31)
STV6412B
12V
Audio ground
VCC12 (63)
In applications where a 12 volt supply from slow blanking is used to
derive the internal audio 9 volt supply voltage, the VCCAO pin must be
connected to the 12 volt supply as shown in the example. The VCCA
pin will show the regulated 9 volt audio supply voltage which must be
decoupled by capacitors.
V
In applications having a dedicated audio supply voltage, the VCCAO
pin must be connected together with the VCCA pin to the audio supply
as shown in the example. The VCCA pin acts as power supply input
for the internal audio block.
VCCA (24)
VCCAO (31)
STV6412B
9V
Audio ground
9 volt input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com