Electronic Components Datasheet Search
  English  ▼

X  

STW4102 Datasheet(PDF) 26 Page - STMicroelectronics

Part # STW4102
Description  Dual USB/wall adapter Li-ion battery charger with gas gauge
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STW4102 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button STW4102 Datasheet HTML 22Page - STMicroelectronics STW4102 Datasheet HTML 23Page - STMicroelectronics STW4102 Datasheet HTML 24Page - STMicroelectronics STW4102 Datasheet HTML 25Page - STMicroelectronics STW4102 Datasheet HTML 26Page - STMicroelectronics STW4102 Datasheet HTML 27Page - STMicroelectronics STW4102 Datasheet HTML 28Page - STMicroelectronics STW4102 Datasheet HTML 29Page - STMicroelectronics STW4102 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 34 page
background image
I2C interface
STw4102
26/34
Figure 25.
Byte write operation
10.2
Register mapping
The mapping of all registers is shown in Table 18. Individual register descriptions are shown
in Table 19 to Table 35. Power-up values are set at power startup, or at reset (RESETN pin
falling edge). Charge and discharge internal accumulators are not affected by RESETN.
Start bit = SDAfalling when SCL=1
Stop bit = SDArising when SCL=1
Restart bit = start after a start
Start Device id
Reg address
8bits
A
Reg data
8bits
A
7 bits
Stop
A
W
Table 18.
Register mapping
Name
Address
(dec.)
Description
REG_CHG0
0
Charge control and status
REG_CHG1
1
Charge enable
REG_WDOG
2
Watchdog control
REG_CG
3
Gas gauge control
REG_CHARGE_LOW
4
Gas gauge charge data, bits 0-7
REG_CHARGE_MID
5
Gas gauge charge data, bits 8-15
REG_CHARGE_HIGH
6
Gas gauge charge data, bits 16-23
REG_DISCHARGE_LOW
7
Gas gauge discharge data, bits 0-7
REG_DISCHARGE_MID
8
Gas gauge discharge data, bits 8-15
REG_DISCHARGE_HIGH
9
Gas gauge discharge data, bits 16-23
REG_CONVDATA_LOW
16
Gas gauge AD converter data, bits 0-7
REG_CONVDATA_HIGH
17
Gas gauge AD converter data, bits 8-12
REG_CONVNUMBER_LOW
18
Number of conversions, bits 0-7
REG_CONVNUMBER_HIGH
19
Number of conversions, bits 8-11
REG_ADCTRL
20
Battery voltage monitor control
REG_ADDATA_LOW
21
Battery voltage monitor AD converter data, bits 0-7
REG_ADDATA_HIGH
22
Battery voltage monitor AD converter data, bits 8-10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com